Electronic Components Datasheet Search
  English  ▼

X  

EPP-EB20 Datasheet(PDF) 63 Page - ABB

Part # EPP-EB20
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-EB20 Datasheet(HTML) 63 Page - ABB

Back Button EPP-EB20 Datasheet HTML 59Page - ABB EPP-EB20 Datasheet HTML 60Page - ABB EPP-EB20 Datasheet HTML 61Page - ABB EPP-EB20 Datasheet HTML 62Page - ABB EPP-EB20 Datasheet HTML 63Page - ABB EPP-EB20 Datasheet HTML 64Page - ABB EPP-EB20 Datasheet HTML 65Page - ABB EPP-EB20 Datasheet HTML 66Page - ABB EPP-EB20 Datasheet HTML 67Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 75 page
background image
64
PROTEC TA PLUS MCB DIS TR IBUTION B OA R D 2 5 0A
—
EQ Meter - A/B series
Inputs/ouputs and communication
—
Inputs / outputs (B)
—
Communication (C)
C
RS-485
A
B
37
36
35
M-Bus
37
36
2 outputs, 2 inputs
C
Inp3
Inp4
Out1
Out2
13
15
16
17
18
4 Configurable inputs/outputs
13
15
16
17
18
I/O 1
I/O 2
I/O 3
I/O 4
C
1 output
C
Out1
13
15
NC
NC
NC
External power supply needed 5-240 VAC/VDC...
External power supply needed 5-40VDC...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com