Electronic Components Datasheet Search
  English  ▼

X  

EPP-EB20 Datasheet(PDF) 41 Page - ABB

Part # EPP-EB20
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-EB20 Datasheet(HTML) 41 Page - ABB

Back Button EPP-EB20 Datasheet HTML 37Page - ABB EPP-EB20 Datasheet HTML 38Page - ABB EPP-EB20 Datasheet HTML 39Page - ABB EPP-EB20 Datasheet HTML 40Page - ABB EPP-EB20 Datasheet HTML 41Page - ABB EPP-EB20 Datasheet HTML 42Page - ABB EPP-EB20 Datasheet HTML 43Page - ABB EPP-EB20 Datasheet HTML 44Page - ABB EPP-EB20 Datasheet HTML 45Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 75 page
background image
42
PROTEC TA PLUS MCB DIS TR IBUTION B OA R D 2 5 0A
Channels no.
Type
Order codes
D1
D1 Plus
1
D1
2CSM258763R0621
1
D1 PLUS
2CSM257583R0621
1
D1 SYNCHRO
2CSM257493R0621
2
D2
2CSM256313R0621
2
D2 PLUS
2CSM277583R0621
2
D2 SYNCHRO
2CSM277363R0621
Versions
Type
Order codes
Programming key
D KEY
2CSM277143R0621
Programming software
D SW
2CSM299973R0621
DCF77 antenna
D DCF77
2CSM299983R0621
GPS antenna
D GPS
2CSM299993R0621
D Line weekly digital time switches
The unique design, with white backlit LCD display,
and extreme ease of use with two lines of text
menu and only four buttons, make D Line ideal to
automate the installation functions.
Thanks to the innovative management of time
vacation, the D Line digital time switches allow
the exclusion of the normal weekly program in
one or more periods of several years or between
two different years.
The range includes 1 and 2 channel versions,
equipped with large capacity internal battery to
maintain operation without power supply and
permanent memory EEPROM, to avoid the risk of
program loss and to maintain the date and time
settings in the event of power failure, irrespective
of its duration.
The “Plus” version can transfer different types of
program by using a D KEY to be quickly copied in
using no digital time switches, avoiding the
errors due to future modification. The
“SYNCHRO” version can be coupled to the D
DCF77 antenna, that allows an automatic
synchronization of the digital time switch with
the Frankfurt DCF77 time signal, or can be
coupled to the D GPS antenna to allows
synchronization received from the Global
Positioning System.
The D Line is particularly useful in environments
and situations where user management is
required with a time schedule flexible enough to
predict or exclude activities according to time
and day of week or month.
—
D Line switches
—
Accessories
—
D Line digital time switches
Order Codes
Please see page 70 for explanation of types



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com