Electronic Components Datasheet Search
  English  ▼

X  

EPP-EB20 Datasheet(PDF) 45 Page - ABB

Part # EPP-EB20
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-EB20 Datasheet(HTML) 45 Page - ABB

Back Button EPP-EB20 Datasheet HTML 41Page - ABB EPP-EB20 Datasheet HTML 42Page - ABB EPP-EB20 Datasheet HTML 43Page - ABB EPP-EB20 Datasheet HTML 44Page - ABB EPP-EB20 Datasheet HTML 45Page - ABB EPP-EB20 Datasheet HTML 46Page - ABB EPP-EB20 Datasheet HTML 47Page - ABB EPP-EB20 Datasheet HTML 48Page - ABB EPP-EB20 Datasheet HTML 49Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 75 page
background image
46
PROTEC TA PLUS MCB DIS TR IBUTION B OA R D 2 5 0A
Description
Standards/requirements
IEC BS EN 61439-1&2, ed.2 (2011-08)
Rated current
Maximum load
250A at ambient temperature +35°
Rated operational voltage (Ue)
415 V AC
Rated frequency
50/60 Hz
Rated insulation voltage (Ui)
690 V
Rated conditional short circuit current (Icc)
35 kA
Neutral size
2 Brass bar each size (7*10) mm
Earth size
2 Brass bars each size (7*10) mm
Degree of protection
With Door
IP 43
Pan Assembly
IP 20
Mechanical impact strength
Cabinet enclosures
IK 07
Housing and door material
Material Type
Cold rolled sheet steel 1 mm
Color
RAL 7035
Coating Type (Powder or)
Electrostatic powder coating, textured finish
Door opening angle
180°
Position of knockouts
Top and bottom
Type of Door Closure
Latch (Optional Lock)
Incoming cable connections*
125A >50 mm
160A >70 mm
250A >95 mm
—
Protecta Plus
Technical specifications
—
Technical features
*For requirements above stated figures seek advise from technical services



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com