Electronic Components Datasheet Search
  English  ▼

X  

DIA7976BAAST5 Datasheet(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA7976BAAST5
Description  500 mA, High-Accuracy LDO with Power-Good for Automotive Application
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA7976BAAST5 Datasheet(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIA7976BAAST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
DIA7976
Version 1.9, Apr 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
II
Ordering Information
Ordering Part No.
Top
Marking
MSL Description
RoHS
TA
Package
DIA7976AOaaCD6
YWXZ
GF5XO
1
Active
Discharge
Green
-40 to 125°C
DFN2*2-6
Tape & Reel, 3000
DIA7976APaaCD6
YWXZ
GF5XP
1
Green
-40 to 125°C
DFN2*2-6
Tape & Reel, 3000
DIA7976AOaaCD8
YWXZ
GF5XO
1
Green
-40 to 125°C
DFN3*3-8
Tape & Reel, 3000
DIA7976APaaCD8
YWXZ
GF5XP
1
Green
-40 to 125°C
DFN3*3-8
Tape & Reel, 3000
DIA7976AaaST5
A5XYW
1
Green
-40 to 125°C
SOT23-5
Tape & Reel, 3000
DIA7976AOADJCD6
YWXZ
GF5XO
1
Green
-40 to 125°C
DFN2*2-6
Tape & Reel, 3000
DIA7976APADJCD6
YWXZ
GF5XP
1
Green
-40 to 125°C
DFN2*2-6
Tape & Reel, 3000
DIA7976AOADJCD8
YWXZ
GF5XO
1
Green
-40 to 125°C
DFN3*3-8
Tape & Reel, 3000
DIA7976APADJCD8
YWXZ
GF5XP
1
Green
-40 to 125°C
DFN3*3-8
Tape & Reel, 3000
DIA7976AADJST5
A5XYW
1
Green
-40 to 125°C
SOT23-5
Tape & Reel, 3000
DIA7976BOaaCD6
YWXZ
GF7XO
1
Non-Active
Discharge
Green
-40 to 125°C
DFN2*2-6
Tape & Reel, 3000
DIA7976BPaaCD6
YWXZ
GF7XP
1
Green
-40 to 125°C
DFN2*2-6
Tape & Reel, 3000
DIA7976BOaaCD8
YWXZ
GF7XO
1
Green
-40 to 125°C
DFN3*3-8
Tape & Reel, 3000
DIA7976BPaaCD8
YWXZ
GF7XP
1
Green
-40 to 125°C
DFN3*3-8
Tape & Reel, 3000
DIA7976BaaST5
A7XYW
1
Green
-40 to 125°C
SOT23-5
Tape & Reel, 3000
DIA7976BOADJCD6
YWXZ
GF7XO
1
Green
-40 to 125°C
DFN2*2-6
Tape & Reel, 3000
DIA7976BPADJCD6
YWXZ
GF7XP
1
Green
-40 to 125°C
DFN2*2-6
Tape & Reel, 3000
DIA7976BOADJCD8
YWXZ
GF7XO
1
Green
-40 to 125°C
DFN3*3-8
Tape & Reel, 3000
DIA7976BPADJCD8
YWXZ
GF7XP
1
Green
-40 to 125°C
DFN3*3-8
Tape & Reel, 3000
DIA7976BADJST5
A7XYW
1
Green
-40 to 125°C
SOT23-5
Tape & Reel, 3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com