Electronic Components Datasheet Search
  English  ▼

X  

DIA7976BAAST5 Datasheet(PDF) 22 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA7976BAAST5
Description  500 mA, High-Accuracy LDO with Power-Good for Automotive Application
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA7976BAAST5 Datasheet(HTML) 22 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA7976BAAST5 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
DIA7976
Version 1.9, Apr 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
17
11.Physical Dimensions
11.1.DFN2*2-6
Common Dimensions
(Units of measure = Millimeter)
Symbol
Min
Nom
Max
A
0.70
0.75
0.80
A1
0.00
0.02
0.05
A3
0.203 REF
A3s
0.10
-
-
b
0.25
0.30
0.35
D
1.90
2.00
2.10
E
1.90
2.00
2.10
D2
0.80
0.90
1.00
E2
1.50
1.60
1.70
e
0.55
0.65
0.75
L
0.25
0.30
0.35
Ls
0.05 REF
M
0.20 REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com