Electronic Components Datasheet Search
  English  ▼

X  

DIA7976BAAST5 Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA7976BAAST5
Description  500 mA, High-Accuracy LDO with Power-Good for Automotive Application
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA7976BAAST5 Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIA7976BAAST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
DIA7976
Version 1.9, Apr 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
III
Output Voltage Options
Option Code
“
aa”
08
10
11
12
15
18
25
28
30
33
36
50
Voltage
0.8 V
1.0 V
1.1 V
1.2 V
1.5 V
1.8 V
2.5 V
2.8 V
3 V
3.3 V
3.6 V
5.0 V
Marking Definition: GF5XO/GF5XP/A5XYW/GF7XO/GF7XP/A7XYW
YWXZ
YWXZ: Year code; Week code; Factory code; Internal code
GF5XO
GF: Product code; 5: Product code; X: Voltage code; O: Open-drain version.
GF5XP
GF: Product code; 5: Product code; X: Voltage code; P: Push-pull version.
A5XYW
A: Product code; 5: Product code; X: Voltage code; Y: Year code; W: Week code.
GF7XO
GF: Product code; 7: Product code; X: Voltage code; O: Open-drain version.
GF7XP
GF: Product code; 7: Product code; X: Voltage code; P: Push-pull version.
A7XYW
A: Product code; 7: Product code; X: Voltage code; Y: Year code; W: Week code.
Voltage Code
Option Code “X”
C
D
E
F
G
H
J
K
L
M
N
P
Q
Voltage
0.8 V
1.0 V
1.1 V
1.2 V
1.5 V
1.8 V
2.5 V
2.8 V
3 V
3.3 V
3.6 V
5.0 V
ADJ
If you encounter any issue in the process of using the device, please contact our customer
service at marketing@dioo.com or phone us at (+86)-21-62116882. If you have any
improvement suggestions regarding the datasheet, we encourage you to contact our technical
writing team at docs@dioo.com. Your feedback is invaluable for us to provide a better user
experience.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com