Electronic Components Datasheet Search
  English  ▼

X  

DIA7976BAAST5 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA7976BAAST5
Description  500 mA, High-Accuracy LDO with Power-Good for Automotive Application
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA7976BAAST5 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIA7976BAAST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
DIA7976
Version 1.9, Apr 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
V
List of Figures
Figure 1. Dropout voltage vs. IOUT at VOUT = 3.3 V ..................................................................................................7
Figure 2. Dropout voltage vs. IOUT at VOUT = 5.5 V ..................................................................................................7
Figure 3. IGND vs. VIN................................................................................................................................................7
Figure 4. PSRR vs. Frequency and IOUT................................................................................................................. 7
Figure 5. Output voltage vs. Temperature ...............................................................................................................7
Figure 6. Output voltage vs. Temperature ...............................................................................................................7
Figure 7. Output voltage vs. Output current............................................................................................................8
Figure 8. Output voltage vs. Output current............................................................................................................8
Figure 9. Dropout voltage vs. Output voltage ......................................................................................................... 8
Figure 10. Shutdown current vs. Input voltage ....................................................................................................... 8
Figure 11. Ground pin current vs. Output current................................................................................................... 8
Figure 12. Output voltage vs. Input voltage............................................................................................................ 8
Figure 13. Line transient ......................................................................................................................................... 9
Figure 14. Load transient........................................................................................................................................ 9
Figure 15. Start up with EN .....................................................................................................................................9
Figure 16. Power up with VIN ................................................................................................................................9
Figure 17. Adjustable version with open-drain power-good ..................................................................................10
Figure 18. Adjustable version with push-pull power-good .................................................................................... 10
Figure 19. Fixed voltage version with open-drain power-good ............................................................................. 11
Figure 20. Fixed voltage version with push-pull power-good ................................................................................11
Figure 21. Current limit ..........................................................................................................................................13
Figure 22. Typical application: adjustable voltage ................................................................................................ 15
Figure 23. Typical application: fixed voltage ......................................................................................................... 15
Figure 24. Start-up into dropout ............................................................................................................................ 16
List of Tables
Table 1. Device functional modes......................................................................................................................................14
Table 2. Recommended resistors for DIA7976 (Adjustable version)........................................................................... 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com