Electronic Components Datasheet Search
  English  ▼

X  

DIA7976BAAST5 Datasheet(PDF) 21 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA7976BAAST5
Description  500 mA, High-Accuracy LDO with Power-Good for Automotive Application
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA7976BAAST5 Datasheet(HTML) 21 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA7976BAAST5 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD DIA7976BAAST5 Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
DIA7976
Version 1.9, Apr 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
16
Table 2. Recommended resistors for DIA7976 (Adjustable version)
VOUT (V)
R1 (kΩ)
R2 (kΩ)
0.55
0
Float
1
8.2
10
1.2
18.2
15.4
1.5
21
12.1
1.8
27.4
12
2.5
39
11
3.3
49.9
10
5.5
18
2
10.3. Dropout voltage
A PMOS pass transistor is used to achieve low dropout. The PMOS pass device is in the linear region of
operation and the input-to-output resistance is the RDS(ON) of the PMOS pass element when (VIN - VOUT) is less
than the dropout voltage (VDO). The PMOS device behaves like a resistor in dropout mode therefore VDO scales
approximately with the output current. PSRR and transient response degrade as (VIN - VOUT) approaches dropout
operation with any linear regulator.
10.4.Exiting dropout
A ramping input supply causes an LDO to overshoot on start-up, as shown in Figure 24 when the slew rate and
voltage levels are in the correct range. Use an enable signal to avoid this condition.
Figure 24. Start-up into dropout
Overshooting on the output of the regulator can be caused by the error amplifier having to drive the gate
capacitance of the pass element and bring the gate back to the correct voltage for proper regulation. The gate
voltage (VGS) is pulled all the way down to the ground to give the pass device the lowest on-resistance possible
when the LDO is placed in dropout. However, the output will overshoot until the loop responds and the output
current pulls the output voltage back down into regulation if a line transient occurs when the device is in dropout.
Continue to add input capacitance in the system until the transient is slow enough to reduce the overshoot if
these transients are not acceptable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com