Electronic Components Datasheet Search
  English  ▼

X  

ETA1188FC Datasheet(PDF) 3 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1188FC
Description  10A Input, 9V/3A or 12V/2A Output BOOST Converter with True-Shutoff
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1188FC Datasheet(HTML) 3 Page - ETA SOLUTIONS CO. LIMITED

  ETA1188FC Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ETA1188
www.etasolution.com
3
Powering Minds of the Smart
OUTPUT CONFIGURATION
Feedback Voltage
VFB
VOUT =4.5V to 12.6V 1.176 1.2 1.224
V
FB Leakage Current
IFB
0
nA
ISET Pin Voltage
VISET
VOUT ≥
VOUT_LOWV
0.98
1.0
1.02
V
VOUT <
VOUT_LOWV
0.78
0.8
0.82
V
ISET Output Current
ratio
KISET
KISET = IQ1 / IISET
5000
Output Current Limit
VOUT_ILIM
Adjustable,
RISET=1.6kΩ
3.125
A
Output Current Foldback
VOUT_IFB
Adjustable,
RISET=1.6kΩ
3
A
Switching Cycle-by-
Cycle Lowside current
limit
IPEAK
12
A
Minimum Inductor
Current each cycle
IMIN
750
mA
Inductor Zero Crossing
Current Stopping
threshold
IQZX
270
mA
PROTECTION
PMID Over Voltage
Protection
PMID_OVP
13.6
V
PMID_OVP Hysteresis
PMID_OVP_HYST
1
VOUT enter deep
condition threshold
VDEEP_ENTER
VOUT falling,
VOUT- VIN
250
mV
VOUT exits deep
condition threshold
VDEEP_EXIT
VOUT rising over
VIN
500
mV
Q1 Swapping sensing
threshold
VOUT_HIGH
VOUT rising
2.5
V
VOUT_HIGH Hysteresis VOUT_HIGH_HYST VOUT falling
200
mV
FB Over-Voltage-
Protection
VFB_OVP
To stop switching
1.38
V
VFB_OVP Hystersis
VFB_OVP_HYST
90
mV
Output Under Voltage
Protection
FB_UVP
Track FB pin
Voltage
0.60
V
Hiccup Retrying Timer
THCON
Regulator enabled
4.4
ms
Hiccup Disable Timer
THCOFF
Regulator disabled
13.2
ms
Thermal Shutdown
TSD
Rising,
Hysteresis=20°C
155
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com