Electronic Components Datasheet Search
  English  ▼

X  

ETA1188FC Datasheet(PDF) 5 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1188FC
Description  10A Input, 9V/3A or 12V/2A Output BOOST Converter with True-Shutoff
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1188FC Datasheet(HTML) 5 Page - ETA SOLUTIONS CO. LIMITED

  ETA1188FC Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ETA1188
www.etasolution.com
5
Powering Minds of the Smart
PIN DESCRIPTION
PIN #
PIN NAME
DESCRIPTION
1
SCL
I2C interface clock. Connect a 10-kΩ pull up resistor to VLDO or external 3.3V
rail.
2
BOOT
Bootstrap capacitor connection for the high-side FET gate driver. Connect a
10-nF ceramic capacitor (voltage rating ≥ 10 V) from BOOT pin to SW pin.
3, 13
VOUT
Output pins. Connect a 2x22uF to GND
4, 12
PMID
Midpoint of the Boost output and current limit switch. Connect a 22uF to GND
5, 7, 9, 11
SW
Switching Pin. Connect with an inductor between this pin and input.
6, 8, 10
PGND
Power Ground.
14
ISET
Boost maximum output current setting. Connect a resistor between this pin
and analog ground to set the current level.
15
VIN
Input pin. Connect to Battery or input supply. Bypass with a 22uF capacitor
from this pin to ground.
16
FB
Feedback pin for setting up the boost output voltage.
17
AGND
Analog Ground pin.
18
EN
Enable pin for the IC.
19
VLDO
LDO Regulator Output. Bypass with 1uF capacitor from this pin to ground.
20
SDA
I2C interface data. Connect a 10-kΩ pull up resistor to VLDO or external 3.3V
rail.
FUNCTIONAL BLOCK DIAGRAM
PWM
CONTROL&
DRIVER
CHARGE
PUMP
LDO
( From PMID)
AGND
BANDGAP
EN
THERMAL
SHUTDOWN
VIN UVLO
HICCUP&
SOFTSTART
Gmi
Gmv
VDD
1V
1.2V
COMP
Σ
OSC
VOUT
I2C
SDA
SCL
VOUT
IOREG
[2:0]
VOREG
[8:0]
ISET
PMID
BOOT
SW
PGND
VIN
VLDO
FB
ETA1188
Figure 2: ETA1188 Function Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com