Electronic Components Datasheet Search
  English  ▼

X  

ETA1188FC Datasheet(PDF) 6 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1188FC
Description  10A Input, 9V/3A or 12V/2A Output BOOST Converter with True-Shutoff
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1188FC Datasheet(HTML) 6 Page - ETA SOLUTIONS CO. LIMITED

Back Button ETA1188FC Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 10Page - ETA SOLUTIONS CO. LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ETA1188
www.etasolution.com
6
Powering Minds of the Smart
TYPICAL PERFORMANCE CHARATERISTICS
4.9
4.92
4.94
4.96
4.98
5
5.02
5.04
5.06
5.08
5.1
0
1
2
3
4
5
Iout (A)
Vout Vs. Iout
Vin=3.0V
Vin=3.6V
Vin=4.2V
Vout=5V
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
100%
0.001
0.01
0.1
1
Iout (A)
Eff. Vs. Iout
Vin=3V
Vin=3.6V
Vin=4.2V
Vout=5V
8.8
8.82
8.84
8.86
8.88
8.9
8.92
8.94
8.96
8.98
9
0
1
2
3
4
5
Iout (A)
Vout Vs. Iout
Vin=3V
Vin=3.6V
Vin=4.2V
Vin=5V
Vout=9V
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
100%
0.001
0.01
0.1
1
Iout (A)
Eff. Vs. Iout
Vin=3V
Vin=3.6V
Vin=4.2V
Vin=5V
Vout=9V
11.7
11.75
11.8
11.85
11.9
11.95
12
0
0.5
1
1.5
2
2.5
3
Iout (A)
Vout Vs. Iout
Vin=3V
Vin=3.6V
Vin=4.2V
Vin=5V
Vout=12V
30%
40%
50%
60%
70%
80%
90%
100%
0.001
0.01
0.1
1
Iout (A)
Eff. Vs. Iout
Vin=3.3V
Vin=3.6V
Vin=4.2V
Vin=5V
Vout=12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com