Electronic Components Datasheet Search
  English  ▼

X  

ETA1188FC Datasheet(PDF) 11 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1188FC
Description  10A Input, 9V/3A or 12V/2A Output BOOST Converter with True-Shutoff
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1188FC Datasheet(HTML) 11 Page - ETA SOLUTIONS CO. LIMITED

Back Button ETA1188FC Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 10Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 11Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 12Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 13Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
ETA1188
www.etasolution.com
11
Powering Minds of the Smart
VOUT CONDITION
Q1 BEHAVIOUT
BOOST CC
REGULATION
ISET REGULATION
VOLATGE
VOUT< VIN
VOUT< 2.5V
NO
NO
Full Open
Activated
1.0V
YES
NO
Current Regulation
Inactivated
0.8V
ANY
YES
Current Regulation
Inactivated
0.5V
Output current level IBSTOUT is set by ISET pin resistor. Current is sensed to ISET pin is 1/5000 of Q1 current, then
IBSTOUT is given by following equation:
I
5000
( )
ISET
BSTOUT
ISET
V
A
R
=
×
BOOST OUTPUT OVER VOLTAGE PROTECTION
At some conditions that PMID could hit PMID_OVP threshold, boost will stop switching immediately and operate again
when PMID goes back to normal. In this condition, Q1 is still fully turned on.
Besides PMID over voltage protection, ETA1188 integrates FB over voltage protection that when FB voltage hits
VFB_OVP, boost will stop switching immediately and operate again when FB goes back to normal. This feature to
protect output connected device when VIN is higher than regulation level.
BOOST HICCUP OPERATION
During operation if one of FB_UVP or VOUT_OCP occurs, ETA1188 starts HICCUP mode that both Q1 and boost are
disabled in 12ms then retried in 4ms. It will exit HICCUP mode when fault conditions are removed in 4ms retrying.
THERMAL SHUTDOWN
ETA1188 is shutdown when junction temperature gets higher than 155˚C. And it will be back to normal operation when
cooler than 120˚C.
APPLICATION INFORMATION
VOUT OUTPUT VOLTAGE CONFIGURATION
FB pin voltage is regulated to 1.2V, so feedback resistors are given by following equation:
1
2
OUT
2
RR
V
1.2
(V)
R
+
=
×
For example, if R2 = 55kΩ, R1 is given by below table:
VOUT(V)
R1 (kΩ)
VOUT(V)
R1 (kΩ)
5.06
180
9.13
370
5.91
220
10.41
430
6.99
270
11.27
470
8.27
330
12.13
510



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com