Electronic Components Datasheet Search
  English  ▼

X  

ETA1188FC Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1188FC
Description  10A Input, 9V/3A or 12V/2A Output BOOST Converter with True-Shutoff
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1188FC Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA1188FC Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA1188FC Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ETA1188
www.etasolution.com
1
Powering Minds of the Smart
10A Input, 9V/3A or 12V/2A Output BOOST Converter with True-Shutoff
DESCRIPTION
FEATURES
ETA1188 is a high power, high-efficiency, synchronous
boost that can output up to 27W of power. With
integrated high power MOSEFTs, it comfortably delivers
9V/3A output from a wide range of input voltage. It also
integrates an output short protection MOSEFT on chip to
provide over current protection and true-shutoff function.
With its tiny package of QFN3x3-20, it sports a small
footprint which makes it an ideal all-in-one solution for
high power boost applications.
The ETA1188 features a programmable output current
limit, configurable by a resistor connected from ISET pin
to GND. Output voltage can also be programmed by a
resistor divider from VOUT to FB to GND. Furthermore,
besides external configuration, ETA1188can also be
communicated through an I2C protocol to configure the
current limit and output voltage internally, making it
suitable for Power Delivery or Quick Charge applications.
The ETA1188 is available in QFN33-20FC package.
High Power: 9V/3A
High efficiency: Up to 93% at 9V/3A
Wide Input Supply Range, 2.7V to 12V
Wide Output Voltage Range, 3.6V to 12V
True Shutoff with 20mΩ n-Channel Pass Device
Low Shutdown Current:2µA
High Efficiency at Light Load
Programmable current limit, output voltage by resistor or I2C
Accurate Output Current with CC Loop Regulation
Cycle by Cycle Current Limit is up to 12A
Small footprint: 20-pin 3mm × 3mm Flip Chip QFN Package
APPLICATIONS
Quick Charge Mobile Power
Bluetooth Speaker Supply
Thunderbolt Interface
Electronic cigarette package.
TYPICAL APPLICATION CIRCUIT
2
5
7
9
11
15
1
20
18
VIN
SCL
SDA
VLDO
EN
4
12
19
3
13
VOUT
16
14
10
8
6
17
22uF
1uH
10nF
10K
10K
Riset
R2
R1
Cff
22uFx2
22uFx2
1uF
BOOT
SW
SW
SW
SW
VIN
SCL
SDA
EN
PGND PGND PGND AGND
ISET
FB
VOUT
VOUT
VLDO
PMID
PMID
Vout =
200
ETA1188
R1+R2
R2
X1.2V
Figure 1: ETA1188 Typical Application Circuit
ORDERING
INFORMATION
PART No.
PACKAGE
TOP MARK
Pcs/Reel
ETA1188F3W
FCQFN3x3-20
ETA1188
YWW2L
5000


Similar Part No. - ETA1188FC

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA1165 ETA-ETA1165 Datasheet
195Kb / 1P
40V Step-Up Regulator for White LED Driver with PWM Dimming
ETA1165S2G-T ETA-ETA1165S2G-T Datasheet
195Kb / 1P
40V Step-Up Regulator for White LED Driver with PWM Dimming
ETA1168 ETA-ETA1168 Datasheet
219Kb / 1P
40V Step-Up Regulator for White LED Driver with PWM Dimming
ETA1168D2G-T ETA-ETA1168D2G-T Datasheet
219Kb / 1P
40V Step-Up Regulator for White LED Driver with PWM Dimming
More results

Similar Description - ETA1188FC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1640 MICROCHIP-MCP1640 Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2010
MCP1640 MICROCHIP-MCP1640_11 Datasheet
493Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2011
MCP1640 MICROCHIP-MCP1640_13 Datasheet
493Kb / 32P
0.65V START-UP SYNCHRONOUS BOOST REGULATOR WITH TRUE OUTPUT DISCONNECT OR INPUT/OUTPUT BYPASS OPTION
02/18/11
MCP1640BT-I MICROCHIP-MCP1640BT-I Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640DT-I MICROCHIP-MCP1640DT-I Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
logo
Linear Technology
LTC3421 LINER-LTC3421_15 Datasheet
245Kb / 16P
3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Seaward Electronics Inc...
SE3608 SEAWARD-SE3608 Datasheet
337Kb / 8P
2A/1.2Mhz Output Current, Boost Converter
logo
Microchip Technology
MCP1640 MICROCHIP-MCP1640_15 Datasheet
511Kb / 32P
0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
MCP1663 MICROCHIP-MCP1663 Datasheet
429Kb / 32P
MCP1663 9V/12V/24V Output Boost Regulator Evaluation Board
01/27/15
logo
Maxim Integrated Produc...
MAX17227A MAXIM-MAX17227A_V01 Datasheet
618Kb / 22P
400mV to 5.5V Input, 2A nanoPower Boost Converter with Short-Circuit Protection and True Shutdown
Rev 2, 7/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com