Electronic Components Datasheet Search
  English  ▼

X  

SED1567DBB Datasheet(PDF) 22 Page - Epson Company

Part # SED1567DBB
Description  LCD driver with RAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SED1567DBB Datasheet(HTML) 22 Page - Epson Company

Back Button SED1567DBB Datasheet HTML 18Page - Epson Company SED1567DBB Datasheet HTML 19Page - Epson Company SED1567DBB Datasheet HTML 20Page - Epson Company SED1567DBB Datasheet HTML 21Page - Epson Company SED1567DBB Datasheet HTML 22Page - Epson Company SED1567DBB Datasheet HTML 23Page - Epson Company SED1567DBB Datasheet HTML 24Page - Epson Company SED1567DBB Datasheet HTML 25Page - Epson Company SED1567DBB Datasheet HTML 26Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
S1D15300 Series
5–10
EPSON
Rev.1.4
Column Address Counter
This is a 8 bit presettable counter that provides column address to the
display RAM (refer to Figure 4). It is incremented by 1 when a Read/
Write command is entered. However, the counter is not incremented
but locked if a non-existing address above 84H is specified. It is
unlocked when a column address is set again. The Column Address
counter is independent of Page Address register.
When ADC Select command is issued to display inverse display, the
column address decoder inverts the relationship between RAM
column address and display segment output.
Page Address Register
This is a 4-bit page address register that provides page address to the
display RAM (refer to Figure 4). The microprocessor issues Set
Page Address command to change the page and access to another
page. Page address 8 (D3 is high, but D2, D1 and D0 are low) is
RAM area dedicate to the indicator, and display data D0 is only
valid.
Display Data RAM
The display data RAM stores pixel data for LCD. It is a 65-column
by 132-row (8-page by 8 bit+1) addressable array. Each pixel can
be selected when page and column addresses are specified.
The time required to transfer data is very short because the micro-
processor enters D0 to D7 corresponding to LCD common lines as
shown in Figure 3. Therefore, multiple S1D15300 can easily
configure a large display having the high flexibility with very few
data transmission restriction.
The microprocessor writes and reads data to/from the RAM through
I/O buffer. As LCD controller operates independently, data can be
written into RAM at the same time as data is being displayed,
without causing the LCD to flicker.
D0
D1
D2
D3
D4
1
0
1
0
0
COM0
COM1
COM2
COM3
COM4
Display data RAM
Display on LCD
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com