Electronic Components Datasheet Search
  English  ▼

X  

SED1567DBB Datasheet(PDF) 38 Page - Epson Company

Part # SED1567DBB
Description  LCD driver with RAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SED1567DBB Datasheet(HTML) 38 Page - Epson Company

Back Button SED1567DBB Datasheet HTML 34Page - Epson Company SED1567DBB Datasheet HTML 35Page - Epson Company SED1567DBB Datasheet HTML 36Page - Epson Company SED1567DBB Datasheet HTML 37Page - Epson Company SED1567DBB Datasheet HTML 38Page - Epson Company SED1567DBB Datasheet HTML 39Page - Epson Company SED1567DBB Datasheet HTML 40Page - Epson Company SED1567DBB Datasheet HTML 41Page - Epson Company SED1567DBB Datasheet HTML 42Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
S1D15300 Series
5–26
EPSON
Rev.1.4
• Data Display
Data display is complete
Initial setup is complete
Function select through the commands (user setup)
Display start line set *8
Page address set *9
Column address set *10
Function select through the command (user setup)
Display ON/OFF *12
Function select through the command (user setup)
Display data write *11
Notes: *8: Refer to the “Display Line Set” in the Command Description (2).
*9: Refer to the “Page Address Set” in the Command Description (3).
*10: Refer to the “Column Address Set” in the Command Description (4).
*11: Refer to the “Display Data Write” in the Command Description (6).
*12: Refer to the “Display ON/OFF” in the Command Description (1). It is recommended to avoid the all-white-display of the display
start data.
• Powering Off *13
Turn VDD and VSS power off
Any state
Function select through the command (user setup)
Power save *14
The time spent for the operations ranging from power
save through powering off (VDD – VSS = 2.4V) (
tH)
must be longer than the time required for V5 to V1 go
under the LCD panel threshold voltage (normally 1V).
*
tH is determined by time constant of the external
resisters Ra and Rb (for adjusting voltages V5 to V1)
and the smoothing capacitor C2.
* It is recommended to cut
tH shorter by connecting a
resistor between VDD and V5.
Notes: *13: This IC functions as the logic circuit of the power supplies VDD – VSS, and used for controlling the driver of LCD power supplies
VDD – V5. Thus, if power supplies VDD – VSS are turned off while voltage is still present on LCD power supplies VDD – V5, drivers
(COM and SEG) may output uncontrolled voltage. Therefore, you are required to observe the following powering off procedure:
Turn the built-in power supply off, then turn off the IC power supplies (VDD – VSS) only after making sure that potential of V5 –
V1 is below the LCD panel threshold voltage level. Refer to the “Supply Circuit” in the Function Description.
*14: When the power save command is entered, you must not implement reset from RES terminal until VDD – VSS power are turned off.
Refer to the “Power Save” in the Command Description.
• Refresh
It is recommended that the operating modes and display contents be refreshed periodically to prevent the effect of unexpected noise.
Cancel the test mode *15
Refresh sequence
Refresh the DDRAM.
Set every command according to the state being selected
(including setup of the default state).
Notes: *15: Refer to the “Test Mode Cancellation” in the Command Description (21).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com