Electronic Components Datasheet Search
  English  ▼

X  

SED1567DBB Datasheet(PDF) 41 Page - Epson Company

Part # SED1567DBB
Description  LCD driver with RAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SED1567DBB Datasheet(HTML) 41 Page - Epson Company

Back Button SED1567DBB Datasheet HTML 37Page - Epson Company SED1567DBB Datasheet HTML 38Page - Epson Company SED1567DBB Datasheet HTML 39Page - Epson Company SED1567DBB Datasheet HTML 40Page - Epson Company SED1567DBB Datasheet HTML 41Page - Epson Company SED1567DBB Datasheet HTML 42Page - Epson Company SED1567DBB Datasheet HTML 43Page - Epson Company SED1567DBB Datasheet HTML 44Page - Epson Company SED1567DBB Datasheet HTML 45Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
S1D15300 Series
Rev.1.4
EPSON
5–29
Ta = 25
°C
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Note
S1D15300/
VDD = 5.0V, V5 – VDD = –8.0 V, dual boosting
—41
70
S1D15305
VDD = 3.0V, V5 – VDD = –8.0 V, triple boosting
—48
80
S1D15301
VDD = 5.0V, V5 – VDD = –11.0 V, triple boosting
—
96
160
IDD
VDD = 3.0V, V5 – VDD = –11.0 V, quadruple boosting
—
118
190
µA
*13
S1D15302
(1)
VDD = 5.0V, V5 – VDD = –11.0 V, triple boosting
—
95
160
VDD = 3.0V, V5 – VDD = –11.0 V, quadruple boosting
—
114
190
S1D15303
VDD = 3.0V, V5 – VDD = –5.0 V, dual boosting
—30
50
S1D15304
VDD = 3.0V, V5 – VDD = –5.0 V, dual boosting
—32
55
Ta = 25
°C
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Note
S1D15300/
VDD = 5.0V, V5 – VDD = –8.0 V
—
24
40
S1D15305
VDD = 3.0V, V5 – VDD = –8.0 V
—
22
35
S1D15301
VDD = 5.0V, V5 – VDD = –11.0 V
—
40
65
IDD
VDD = 3.0V, V5 – VDD = –11.0 V
—
36
60
µA
*12
S1D15302
(1)
VDD = 5.0V, V5 – VDD = –11.0 V
—
39
65
VDD = 3.0V, V5 – VDD = –11.0 V
—
32
55
S1D15303
VDD = 3.0V, V5 – VDD = –5.0 V
—
20
35
S1D15304
VDD = 3.0V, V5 – VDD = –5.0 V
—
20
35
Dynamic current consumption (2) when the built-in power supply is ON
Dynamic current consumption (1) when the built-in power supply is OFF
Current consumption during Power Save mode
VSS = 0 V, VDD = 2.7 to 5.5 V Ta=25°C
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Note
During sleep
IDDS1
S1D15300, S1D15301, S1D15302
—
0.01
1
µA
During standby
IDDS2
S1D15300, S1D15301, S1D15302
—
10
20
Typical current consumption characteristics (reference
data)
• Dynamic current consumption (1) when LCD external
power mode lamp is ON
Condition:
Remarks: V12
80
60
40
20
0
1
234567
(uA)
IDD (1)
(ISS+15)
VDD
(V)
The built-in power supply is
OFF and an external power
supply is used.
S1D15300/S1D15305 V5-VDD=–8.0V
S1D15301 V5-VDD=–11.0V
S1D15302 V5-VDD=–11.0V
S1D15303 V5-VDD=–6.0V
S1D15304 V5-VDD=–6.0V
Ta=25
°C
S1D15300/S1D15305
S1D15303, S1D15304
S1D15301, S1D15302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com