Electronic Components Datasheet Search
  English  ▼

X  

SED1567DBB Datasheet(PDF) 37 Page - Epson Company

Part # SED1567DBB
Description  LCD driver with RAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SED1567DBB Datasheet(HTML) 37 Page - Epson Company

Back Button SED1567DBB Datasheet HTML 33Page - Epson Company SED1567DBB Datasheet HTML 34Page - Epson Company SED1567DBB Datasheet HTML 35Page - Epson Company SED1567DBB Datasheet HTML 36Page - Epson Company SED1567DBB Datasheet HTML 37Page - Epson Company SED1567DBB Datasheet HTML 38Page - Epson Company SED1567DBB Datasheet HTML 39Page - Epson Company SED1567DBB Datasheet HTML 40Page - Epson Company SED1567DBB Datasheet HTML 41Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
S1D15300 Series
Rev.1.4
EPSON
5–25
• When the built-in power supply is not used immediately after the main power is turned on:
Turn on the power save mode (multiple commands) *7
Turn VDD and VSS power on with
RES terminal being set to LOW.
Wait until the power supply is stabilized.
Turn on the initial setup mode (Default) *1
Initial setup is complete
Function select through the commands (user setup)
LCD bias set *2
ADC select *3
Common output mode select *4
Function select through the command (user setup)
Electronic volume *5
Turn off the power save mode *6
Function select through the command (user setup)
Power control set * 7
Cancel the reset mode (RES terminal = HIGH)
Operations ranging from turning off of
the power save mode through the
power control set must be completed
within 5 ms.
The power save mode must be turned
on within 5 ms from powering on.
* This duration of 5 ms depends on the panel characteristics as well as capacity of the capacitor concerned. Check them on the actual system.
Notes: *1: Refer to the “Reset Circuit” in the Function Description.
*2: Refer to the “LCD Bias Set” in the Command Description (11).
*3: Refer to the “ADC Select” in the Command Description (8).
*4: Refer to the “Output State Register Set” in the Command Description (15)
*5: Refer to the “Supply Circuit” in the Function Description and the “Electronic Volume Register Set” in the Command Description
(17).
*6: Refer to the “Supply Circuit” in the Function Description and the “Power Control Set” in the Command Description (16).
*7: You can select either the sleep mode or standby mode for the power save mode. Refer to the “Power Save (Multiple Commands)”
in the Command Description (19).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com