Electronic Components Datasheet Search
  English  ▼

X  

SED1567DBB Datasheet(PDF) 44 Page - Epson Company

Part # SED1567DBB
Description  LCD driver with RAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SED1567DBB Datasheet(HTML) 44 Page - Epson Company

Back Button SED1567DBB Datasheet HTML 40Page - Epson Company SED1567DBB Datasheet HTML 41Page - Epson Company SED1567DBB Datasheet HTML 42Page - Epson Company SED1567DBB Datasheet HTML 43Page - Epson Company SED1567DBB Datasheet HTML 44Page - Epson Company SED1567DBB Datasheet HTML 45Page - Epson Company SED1567DBB Datasheet HTML 46Page - Epson Company SED1567DBB Datasheet HTML 47Page - Epson Company SED1567DBB Datasheet HTML 48Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
S1D15300 Series
5–32
EPSON
Rev.1.4
AC Characteristics
(1) System buses
Read/write characteristics I (8080-series microprocessor)
VDD = 5.0 V ±10%, Ta = –40 to +85°C
D0~D7
(READ)
D0~D7
(WRITE)
WR,RD
CS1
(CS2="1")
A0
tAW8
tAH8
tCYC8
tCCLW
tCCLR
tDS8
tDH8
tACC8
tCH8
tCCHW
tCCHR
Parameter
Signal
Symbol
Condition
Min.
Max.
Unit
Address hold time
A0
tAH8
19
–
ns
Address setup time
tAW8
15
–
ns
System cycle time
tCYC8
450
–
ns
Control LOW pulse width (WR)
WR
tCCLW
60
–
ns
Control LOW pulse width (RD)
RD
tCCLR
140
–
ns
Control HIGH pulse width (WR)
WR
tCCHW
200
–
ns
Control HIGH pulse width (RD)
RD
tCCHR
140
–
ns
Data setup time
tDS8
40
–
ns
Data hold time
tDH8
15
–
ns
RD access time
D0 to D7
tACC8
CL=100pF
–
140
ns
Output disable time
tCH8
10
100
ns
Parameter
Signal
Symbol
Condition
Min.
Max.
Unit
Address hold time
A0
tAHIGH8
10
–
ns
Address setup time
tAW8
10
–
ns
System cycle time
tCYC8
166
–
ns
Control LOW pulse width(WR)
WR
tCCLOWW
30
–
ns
Control LOW pulse width(RD)
RD
tCCLOWR
70
–
ns
Control HIGH pulse width (WR)
WR
tCCHIGHW
100
–
ns
Control HIGH pulse width (RD)
RD
tCCHIGHR
70
–
ns
Data setup time
tDS8
20
–
ns
Data hold time
tDHIGH8
10
–
ns
RD access time
D0 to D7
tACC8
CL=100pF
–
70
ns
Output disable time
tCHIGH8
10
50
ns
VDD = 2.7 V to 4.5 V, Ta = –40 to +85°C
Notes: 1. The input signal rise/fall time (tr, tf) is specified at 15 ns or less.
When system cycle time is used at a high speed, it is specified by tr + tf
≤ (tCYC8 - tCCLW) or
tr + tf
≤ (tCYC8 - tCCLR - tCCHR).
2. Every timing is specified on the basis of 20% and 80% of VDD.
3.
tEWHR and tEWHW are specified by the overlap period in which CS1 is “0” (CS2 = “1”) and WR and RD are “0”.
4. When it is expected that Vss ranges from -2.4 V to -4.5 V during the operation, increase all the above specifications from -2.7 V to
-4.5 V by 30% before the operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com