Electronic Components Datasheet Search
  English  ▼

X  

HUSB238 Datasheet(PDF) 4 Page - Hynetek Semiconductor Co., Ltd.

Part # HUSB238
Description  Hynetek Semiconductor Co., Ltd.
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.

HUSB238 Datasheet(HTML) 4 Page - Hynetek Semiconductor Co., Ltd.

  HUSB238 Datasheet HTML 1Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 2Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 3Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 4Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 5Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 6Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 7Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 8Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 9Page - Hynetek Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
HUSB238
Data Sheet
©2023 Hynetek Semiconductor Co., Ltd. All rights reserved.
Page 4 of 17
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
10
9
8
7
6
HUSB238
(DFN-10)
VIN
D+
D-
CC1
CC2
GATE
ISET
VSET
SCL
SDA
11
GND
Figure 2. Pin Configuration (Top View)
Table 1. Pin Function Descriptions
Pin No.
Pin Name
Type1
Description
1
VIN
P
Power supply input. Connect this pin to VBUS of USB Type-C connector and bias this pin
via a 1μF ceramic capacitor.
2
D+
DIO
Positive line of USB 2.0 data line for Apple Divider 3 and BC1.2.
3
D-
DIO
Negative line of USB 2.0 data line for Apple Divider 3 and BC1.2.
4
CC1
AIO
Configuration line 1 used to negotiate a voltage/current with the attached adapter.
5
CC2
AIO
Configuration line 2 used to negotiate a voltage/current with the attached adapter.
6
SDA
DIO
I2C communication data signal.
7
SCL
DIO
I2C communication clock signal.
8
VSET
AI
Connect a resistor to indicate the maximum voltage needed by the system from the
attached power adapter.
9
ISET
AI
Connect a resistor to indicate the maximum current needed by the system from the
attached power adapter.
10
GATE
OD
Open drain gate driver output. Connect this signal to the gate of an external PMOS
through a series resistor. Leave this pin open if not used.
11
GND
P
Ground reference. All signals are referred to this pin.
1 Legend:
A = Analog Pin
P = Power Pin
D = Digital Pin
I = Input Pin
O = Output Pin
OD = Open Drain Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com