Electronic Components Datasheet Search
  English  ▼

X  

HUSB238 Datasheet(PDF) 10 Page - Hynetek Semiconductor Co., Ltd.

Part # HUSB238
Description  Hynetek Semiconductor Co., Ltd.
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.

HUSB238 Datasheet(HTML) 10 Page - Hynetek Semiconductor Co., Ltd.

Back Button HUSB238 Datasheet HTML 6Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 7Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 8Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 9Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 10Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 11Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 12Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 13Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 14Page - Hynetek Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
HUSB238
Data Sheet
©2023 Hynetek Semiconductor Co., Ltd. All rights reserved.
Page 10 of 17
ISET PIN
A fixed 100μA current source is applied on ISET pin. Connect a resister between ISET and GND to indicate the
ISET_CURRENT value as shown in Table 7.
Table 7. ISET_CURRENT Setting
RISET (kΩ)
ISET_CURERNT (A)
0
1.25
4.53
1.5
7.5
1.75
10.5
2
13.7
2.25
16.5
2.5
19.6
2.75
22.6
3
Open
3.25
The RDO current of the HUSB238 is determined by the lower value between ISET_CURRENT and
SNK_PDO2_CURRENT. SNK_PDO2_CURRENT is programmable by internal fuse options and the default value is
3.25A. The requested current value can be changed dynamically with the resistance value change.
RDO DETERMINATION
There are two ways to determine the RDO that the HUSB238 requests from the PD source. Set by the VSET and
ISET pins or set by the internal factory programmed fuse options. The HUSB238 compares the two values and uses
the lower value as its RDO.
For example, if the VSET and ISET is configured as 9V / 3A. The internal factory fuse option is 12V / 2A. Then the
RDO that HUSB238 requests from the PD source is 9V / 2A.
After the RDO is determined, the HUSB238 loops through the PD source PDOs from highest voltage first to find the
first PDO that satisfies the following conditions:
1.
SOURCE_PDO_VOLTAGE ≤ RDO_VOLTAGE
2.
SOURCE_PDO_CURRENT ≥ RDO_CURRENT
If both the conditions above are satisfied, then HUSB238 sends a request for this source PDO with operating current
set to the RDO current value.
If either one of the condition is not satisfied, the HUSB238 continues to compare with the second highest voltage
source PDO or requests 5V source PDO directly, depending on the internal fuse options. The default fuse option is to
continue to compare with the second highest voltage source PDO. Please contact local Hynetek sales for a device
with options other than the default option.
OPERATION WITH I2C INTERFACE
The HUSB238 is I2C communication capable with system MCU or processor through SDA and SCL pins. The
HUSB238 works as I2C slave role and the I2C address is 0x08.
After POR (Power On Reset), the HUSB238 receives the source capability information from the PD source adapter
and the HUSB238 saves the source capability information in registers. The system MCU can visit the HUSB238
registers through the I2C bus and select a proper PDO to request from external PD source.
The I2C has the highest priority. If using I2C to select a source PDO, it over writes the internal RDO which is created
by VSET, ISET pins and internal factory fuse option, and the HUSB238 requests the I2C selected source PDO once
the I2C commands are written.
LEGACY CHARGER DETECTION
After the power on reset, if the HUSB238 does not establish PD contract with source adapter, the HUSB238 will waits
for 1.5 seconds and then switches to Apple Divider 3 and BC1.2 detections sequentially. For BC1.2 detection, the
HUSB238 detects SDP (Standard Data Port), CDP (Charging Data Port) and DCP (Dedicated Charging Port)
sequentially.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com