Electronic Components Datasheet Search
  English  ▼

X  

HUSB238 Datasheet(PDF) 11 Page - Hynetek Semiconductor Co., Ltd.

Part # HUSB238
Description  Hynetek Semiconductor Co., Ltd.
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.

HUSB238 Datasheet(HTML) 11 Page - Hynetek Semiconductor Co., Ltd.

Back Button HUSB238 Datasheet HTML 7Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 8Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 9Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 10Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 11Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 12Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 13Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 14Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 15Page - Hynetek Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Data Sheet
HUSB238
©2023 Hynetek Semiconductor Co., Ltd. All rights reserved.
Page 11 of 17
DEAD BATTERY FUNCTION
The HUSB238 works as PD sink role which requires RD resistor to be presented on the CC pins even in the un-
powered state for successful Type-C detection by source adapter.
The dead battery function in the HUSB238 supports default USB, 1.5A and 3.0A source broadcast RP current.
S
OP’ FUNCTION
For the USB-C to legacy PC plug applications where high current and high voltage are required, the system needs
current more than 3A in most of the cases. If the SOP’ function is enabled, the HUSB238 is capable to reply SOP’
command, such as Discover Identity, sent by the PD source adapter.
The SOP’ function emulates the E-Marker function in the cable so that the system is capable of obtaining more than
3A charging current from PD source adapter.
OVER-VOLTAGE PROTECTION
The HUSB238 senses the voltage on VIN pin for overvoltage protection. The over-voltage threshold is 1.2 times of
max requested voltage. The OV debounce time is 50μs.
When OV happens, the HUSB238 turns off the external PMOS and enters into discharge mode where the internal
discharge circuit on VIN pin is turned on. The internal 5.1k Rd resistor is also disconnected during discharge mode.
After the discharge timeout, the HUSB238 enters into unattached mode and waits for re-connection with PD source
adapter.
UNDER-VOLTAGE PROTECTION
The HUSB238 senses the voltage on VIN pin for optional under-voltage protection. The under-voltage threshold is the
requested voltage minus 2V. For example, if the requested PDO voltage is 12V, then the UV threshold is 10V. The UV
debounce time is 1ms.
When UV happens, the HUSB238 turns off the external PMOS and enters into discharge mode where the internal
discharge circuit on VIN pin is turned on. The internal 5.1k Rd resistor is also disconnected during discharge mode.
After the discharge timeout, the HUSB238 enters into unattached mode and waits for re-connection with PD source
adapter.
The UVP function of the HUSB238 can be enabled or disabled by internal fuse options. The UVP function is disabled
for default option. Please contact local Hynetek sales for a device with options other than the default option.
OVER-TEMPERATURE PROTECTION
The HUSB238 integrates over-temperature protection function. It monitors the internal junction temperature. When the
junction temperature reaches the over temperature rising threshold, the HUSB238 requests 5V source PDO directly,
regardless of the previous established PDO, to reduce the total system power. When the junction temperature falls
below the over temperature falling threshold, the HUSB238 re-negotiates the previous PDO and tries to recover the
normal charging operation.
The over temperature thresholds are programmable by internal factory fuses. Please contact local Hynetek sales for a
device with options other than the default option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com