Electronic Components Datasheet Search
  English  ▼

X  

HUSB238 Datasheet(PDF) 7 Page - Hynetek Semiconductor Co., Ltd.

Part # HUSB238
Description  Hynetek Semiconductor Co., Ltd.
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.

HUSB238 Datasheet(HTML) 7 Page - Hynetek Semiconductor Co., Ltd.

Back Button HUSB238 Datasheet HTML 3Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 4Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 5Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 6Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 7Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 8Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 9Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 10Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 11Page - Hynetek Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Data Sheet
HUSB238
©2023 Hynetek Semiconductor Co., Ltd. All rights reserved.
Page 7 of 17
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
VIN, GATE
−0.3V to +30V
CC1, CC2
−0.3V to +25V
D+, D−
−0.3V to +12V
VSET, ISET, SDA, SCL
−0.3V to +6V
Operating Temperature Range (Junction)
−40°C to +125°C
Soldering Conditions
JEDEC J-STD-020
Electrostatic Discharge (ESD)
Human Body Mode (HBM)
±6000V
Stresses at or above those listed under Absolute Maximum Ratings may cause permanent damage to the product.
This is a stress rating only; functional operation of the product at these or any other conditions above those indicated
in the operational section of this specification is not implied. Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board (PCB) design and operating environment. Close
attention to PCB thermal design is required.
θJA is the natural convection junction to ambient thermal resistance measured in a one cubic foot sealed enclosure.
θJC is the junction to case thermal resistance.
Table 5. Thermal Resistance
Package Type
θJA
θJC
Unit
DFN-10L
75
54
°C/W
ESD CAUTION
Electrostatic Discharge Sensitive Device.
Charged devices and circuit boards can discharge without detection. Although this product features patented
or proprietary protection circuitry, damage may occur on devices subjected to high energy ESD. Therefore,
proper ESD precautions should be taken to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com