Electronic Components Datasheet Search
  English  ▼

X  

HUSB238 Datasheet(PDF) 9 Page - Hynetek Semiconductor Co., Ltd.

Part # HUSB238
Description  Hynetek Semiconductor Co., Ltd.
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.

HUSB238 Datasheet(HTML) 9 Page - Hynetek Semiconductor Co., Ltd.

Back Button HUSB238 Datasheet HTML 5Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 6Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 7Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 8Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 9Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 10Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 11Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 12Page - Hynetek Semiconductor Co., Ltd. HUSB238 Datasheet HTML 13Page - Hynetek Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Data Sheet
HUSB238
©2023 Hynetek Semiconductor Co., Ltd. All rights reserved.
Page 9 of 17
THEORY OF OPERATION
OVERVIEW
The HUSB238 is a highly integrated USB Power Delivery (PD) controller as sink role. It’s compatible with PD3.0 and
Type-C V1.4. It can also support Apple Divider 3, BC1.2 SDP, DCP and CDP while source is attached. When
HUSB238 is connected to power source, it applies Rd to both CC lines, trying to establish USB Type-C connection.
After the USB Type-C connection is established, it monitors the CC lines to get source capabilities pack from USB PD
source. If there is valid source capabilities pack before time out, the HUSB238 policy engine requests a power supply
with voltage no greater than the programmed request voltage. If there is no valid source capabilities pack after time
out, the HUSB238 switches to Apple divider 3 or BC1.2 mode trying to determine corresponding charging protocol.
VIN PIN
VIN pin is the power supply input of the HUSB238, which is derived from the output of the PD source. Connect a 1µF
decoupling MLCC between VIN pin and GND pin as closer as possible.
The VIN pin is also connected to an internal MOSFET and 500Ohm discharging resistor, which is used as a bleeder to
help discharge the output capacitor to vSafe5V upon the hard reset, over-voltage fault, over-temperature fault or
detachment of a connected device.
GATE PIN
The GATE pin is open–drain output which allows to drive an external PMOS load switch directly. The GATE pin can be
programmed to turn on after POR or after the explicit contract. The default option is to turn on after POR. Please
contact local Hynetek sales for a device with options other than the default option.
CC1 AND CC2 PINS
CC1 and CC2 are the Configuration Channel pins used for connection and attachment detection, plug orientation
determination and system configuration management across USB Type-C cable. CC1 and CC2 pins can support as
high as 25V voltage, which is used for protection when CC1 or CC2 is shorted to VBUS pin on the connector.
Through the Type-C detection, one of the CC pin is connected to the internal BMC block to achieve PD
communication.
VSET PIN
A fixed 100μA current source is applied on VSET pin. Connect a resister between VSET and GND to indicate the
VSET_VOLTAGE value as shown in Table 6.
Table 6. VSET_VOLTAGE Setting
RVSET (kΩ)
VSET_VOLTAGE (V)
0
5
6.04
9
10
12
14
15
17.8
18
Open
20
The RDO voltage of the HUSB238 is determined by the lower value between VSET_VOLTAGE and
SNK_PDO2_VOLTAGE. SNK_PDO2_VOLTAGE is programmable by internal fuse options and the default value is
20V. The requested voltage value can be changed dynamically with the resistance value change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com