Electronic Components Datasheet Search
  English  ▼

X  

AM3000 Datasheet(PDF) 10 Page - TOKYO KEISO CO.,LTD.

Part # AM3000
Description  MICRO FLOWMETER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

AM3000 Datasheet(HTML) 10 Page - TOKYO KEISO CO.,LTD.

Back Button AM3000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 10Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 11Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 12Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 13Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 14Page - TOKYO KEISO CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TG-F2289-E04
AM3000 Series MICRO FLOWMETER
10
TOKYO KEISO CO., LTD.
ADDITIONAL SPECIFICATIONS
1. Gas damper (Model AM3000/DU)
A gas damper which requires no damper liquid is available for gas measurement. A mechanical damper consisting of a cylinder and a
piston is connected to the float rod bearing.
This type needs no external damping mechanism at the bottom of the flowmeter, and the gas does not restrict flow, which allows flexible
piping designs.
Furthermore, there is no need for filling damper liquids, reducing the maintenance work. The gas damper is particularly useful for
low-pressure gas applications which may cause hunting of the float and which do not allow damping liquids. A gas damper is highly
recommended for applications with a pressure of less than 0.3 MPa and no needle valve at the downstream.
Note that this type of gas damper cannot be used for liquids or condensable vapors. Chlorine gas, which easily combines with other
chemicals, or gases containing rust, dust, oil and other materials, could cause the flowmeter to malfunction.
46
49
105
65
43
219
49
105
65
219
43
46
●Gas damper (AM3000/DU) (screw connection)
●Gas damper (AM3000/DU) (flange connection)
Thread size
1/4
3/8
1/2
L(mm)
220
200
230
Approx. mass
(kg)
1.7
1.6
1.8
Note: Screw sockets are provided for
1/4 and 1/2.
Note: The gas damper cannot be used
for high-temperature types.
Flange size
(mm)
10
15
20
25
Approx. mass
(kg) [JIS 10K]
2.7 2.8 3.1 3.9
Note: Screw sockets are provided for
1/4 and 1/2.
Note: The gas damper cannot be used
for high-temperature types.
Note: Thread size of the body: Rc 3/8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com