Electronic Components Datasheet Search
  English  ▼

X  

AM3000 Datasheet(PDF) 15 Page - TOKYO KEISO CO.,LTD.

Part # AM3000
Description  MICRO FLOWMETER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

AM3000 Datasheet(HTML) 15 Page - TOKYO KEISO CO.,LTD.

Back Button AM3000 Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 10Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 11Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 12Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 13Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 14Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 15Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
TG-F2289-E04
AM3000 Series MICRO FLOWMETER
15
CAUTIONS
● The flowmeter transmits the displacement caused by the magnet coupling. Any other nearby magnetic field might affect the
performance of the flowmeter.
Avoid installing the flowmeter in a magnetic field and do not bring magnetic materials close to it, including insulation covers which may
contain magnetic materials.
● When installing two or more flowmeters, install them at least 10 cm apart from each piping to avoid interference.
For maintenance, ensure a clearance of at least 20 cm between the indicator of one flowmeter and the body of other flowmeters.
STANDARD SCALE GRADUATION
12
10
8
6
4
2
1.2
15
10
5
1.5
20
15
10
5
2
25
30
20
10
3
20
15
10
5
2.5
10
6
8
4
2
1
40
30
20
10
4
50
40
30
20
10
5
60
6
10
50
40
30
20
80
60
40
20
8
0
0
0
0
0
0
0
0
0
0
70
60
40
20
7
0
80
60
40
20
9
90
0
Head Ofce : Shiba Toho Building, 1 – 7 – 24 Shibakoen, Minato-ku, Tokyo 105 – 8558
Tel : +81-3 – 3431 – 1625 (KEY) ; Fax : +81-3 – 3433 – 4922
e-mail : overseas.sales@tokyokeiso.co.jp ; URL : https://www.tokyokeiso.co.jp
* Specication is subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com