Electronic Components Datasheet Search
  English  ▼

X  

AM3000 Datasheet(PDF) 4 Page - TOKYO KEISO CO.,LTD.

Part # AM3000
Description  MICRO FLOWMETER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

AM3000 Datasheet(HTML) 4 Page - TOKYO KEISO CO.,LTD.

  AM3000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TG-F2289-E04
AM3000 Series MICRO FLOWMETER
4
TOKYO KEISO CO., LTD.
STANDARD SPECIFICATION
● Measuring fluid
Liquids and gases
The models with a damper are recommended for low-pressure gases (less than 0.3 MPa)
● Viscosity limit in liquid measurement
Flow range
Viscosity limit (mPa·s)
2 to 20 L/h
5
20 to 50 L/h
10
50 L/h or higher
20
● Materials
Part name
Standard
Alternative
Body
SUS304/SUS316L
SUS304, SUS316 (SCS14), UNS10276 *1, Titanium *1
Tapered tube
SUS316L
SUS304, SUS316, UNS10276 *1, Titanium *1
Float
SUS316L/PTFE
SUS304, SUS316, UNS10276 *1, Titanium *1 / PTFE
*1 Not applicable to flowmeters with a gas damper.
● Painting color
Painting
Color
Indicator body
Jade green
Munsell 7.5BG4/1.5
Indicator cover,
transmitter
Light gray
Munsell N7.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com