Electronic Components Datasheet Search
  English  ▼

X  

AM3000 Datasheet(PDF) 11 Page - TOKYO KEISO CO.,LTD.

Part # AM3000
Description  MICRO FLOWMETER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

AM3000 Datasheet(HTML) 11 Page - TOKYO KEISO CO.,LTD.

Back Button AM3000 Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 10Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 11Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 12Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 13Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 14Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 15Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TG-F2289-E04
AM3000 Series MICRO FLOWMETER
TOKYO KEISO CO., LTD.
11
2. Liquid damper (Model AM3000/DL)
A damper mechanism is required for gas measurement especially in low-pressure applications to prevent hunting of the float.
The damper installed at the bottom of the flowmeter ensures the accuracy and durability of the flowmeter. The damping mechanism
reduces abrupt movements of the float by using the resistance generated between the oil in the damper and the damping element
connected to the float rod.
The liquid damper is also recommended for liquid applications with pulsating flows.
●Internal tube type (screw connection)
●Internal tube type (flange connection)
A
49
105
65
219
190
49
105
65
219
Thread size
1/4
3/8
1/2
L
210
190
215
A
40
45
45
Approx. mass
(kg)
2.5
2.5
2.7
Note: Use the cable entry on the back
to avoid interference between the
piping and conduits.
Flange size (mm)
10
15
20
25
Approx. mass (kg)
[JIS 10K size]
3.5
3.6
3.9
4.7
Note: Use the cable entry on the back to
avoid interference between the piping
and conduits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com