Electronic Components Datasheet Search
  English  ▼

X  

SWPA3010S Datasheet(PDF) 8 Page - Shenzhen Sunlord Electronics Co., Ltd

Part # SWPA3010S
Description  Wire Wound SMD Power Inductors - SWPA Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLORD [Shenzhen Sunlord Electronics Co., Ltd]
Direct Link  https://www.sunlordinc.com/
Logo SUNLORD - Shenzhen Sunlord Electronics Co., Ltd

SWPA3010S Datasheet(HTML) 8 Page - Shenzhen Sunlord Electronics Co., Ltd

Back Button SWPA3010S Datasheet HTML 4Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 5Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 6Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 7Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 8Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 9Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 10Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 11Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 12Page - Shenzhen Sunlord Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Specifications subject to change without notice. Please check our website for latest information.
Revised 2014/04/15
Sunlord Industrial Park, Dafuyuan Industrial Zone, Guanlan, Shenzhen, China 518110 Tel: 0086-755-29832660 Fax: 0086-755-82269029 E-Mail: sunlord@sunlordinc.com
Sunlord
SPECIFICATIONS
SWPA4020S Series
Part Number
Inductance
@100kHz,1V
DC Resistance
(±30%)
Min.
Self-resonant
Frequency
Saturation
Current
Heat Rating
Current
Units
μH
Ω
MHz
A
A
Symbol
L
DCR
S.R.F
Isat
Irms
SWPA4020S750MT
75±20%
1.160
7.7
0.70
0.35
SWPA4020S820MT
82±20%
1.170
7.2
0.50
0.34
SWPA4020S101MT
100±20%
1.550
6.3
0.48
0.31
SWPA4026S Series
Part Number
Inductance
@100kHz,1V
DC Resistance
(±30%)
Min.
Self-resonant
Frequency
Saturation
Current
Heat Rating
Current
Units
μH
Ω
MHz
A
A
Symbol
L
DCR
S.R.F
Isat
Irms
SWPA4026S1R2NT
1.2±30%
0.030
120
3.10
2.30
SWPA4026S1R5NT
1.5±30%
0.030
100
2.40
2.30
SWPA4026S2R2MT
2.2±20%
0.040
96
2.10
2.00
SWPA4026S3R3MT
3.3±20%
0.050
58
1.80
1.70
SWPA4026S4R7MT
4.7±20%
0.055
46
1.45
1.60
SWPA4026S6R8MT
6.8±20%
0.065
33
1.30
1.50
SWPA4026S100MT
10±20%
0.085
26
1.00
1.30
SWPA4026S150MT
15±20%
0.110
19
0.90
1.10
SWPA4026S220MT
22±20%
0.165
13
0.60
0.90
SWPA4026S330MT
33±20%
0.270
9
0.55
0.70
SWPA4026S470MT
47±20%
0.300
6
0.40
0.65
SWPA4030S Series
Part Number
Inductance
@100kHz,1V
DC Resistance
(±30%)
Min.
Self-resonant
Frequency
Saturation
Current
Heat Rating
Current
Units
μH
Ω
MHz
A
A
Symbol
L
DCR
S.R.F
Isat
Irms
SWPA4030SR68NT
0.68±30%
0.010
130
6.80
4.56
SWPA4030SR91NT
0.91±30%
0.013
100
6.25
4.15
SWPA4030S1R0NT
1.0±30%
0.014
70
5.26
4.15
SWPA4030S1R2NT
1.2±30%
0.015
80
5.80
3.82
SWPA4030S1R5NT
1.5±30%
0.020
62
4.84
3.34
SWPA4030S1R8NT
1.8±30%
0.025
60
5.40
3.20
SWPA4030S2R2NT
2.2±30%
0.030
52
4.90
2.95
SWPA4030S3R3MT
3.3±20%
0.040
38
3.30
2.40
SWPA4030S3R9MT
3.9±20%
0.057
32
3.00
2.10
SWPA4030S4R3MT
4.3±20%
0.055
37
2.95
2.10
SWPA4030S4R7MT
4.7±20%
0.060
31
2.90
2.00
SWPA4030S5R6MT
5.6±20%
0.065
30
2.60
1.95
SWPA4030S6R8MT
6.8±20%
0.090
24
2.75
1.60
SWPA4030S7R5MT
7.5±20%
0.085
26
2.20
1.65
SWPA4030S8R2MT
8.2±20%
0.090
26
2.10
1.60
SWPA4030S100MT
10±20%
0.100
21
1.95
1.50
SWPA4030S120MT
12±20%
0.135
18
1.70
1.30
SWPA4030S150MT
15±20%
0.190
16
1.65
1.11
SWPA4030S180MT
18±20%
0.200
10
1.40
1.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com