Electronic Components Datasheet Search
  English  ▼

X  

SWPA3010S Datasheet(PDF) 10 Page - Shenzhen Sunlord Electronics Co., Ltd

Part # SWPA3010S
Description  Wire Wound SMD Power Inductors - SWPA Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLORD [Shenzhen Sunlord Electronics Co., Ltd]
Direct Link  https://www.sunlordinc.com/
Logo SUNLORD - Shenzhen Sunlord Electronics Co., Ltd

SWPA3010S Datasheet(HTML) 10 Page - Shenzhen Sunlord Electronics Co., Ltd

Back Button SWPA3010S Datasheet HTML 6Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 7Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 8Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 9Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 10Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 11Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 12Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 13Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 14Page - Shenzhen Sunlord Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Specifications subject to change without notice. Please check our website for latest information.
Revised 2014/04/15
Sunlord Industrial Park, Dafuyuan Industrial Zone, Guanlan, Shenzhen, China 518110 Tel: 0086-755-29832660 Fax: 0086-755-82269029 E-Mail: sunlord@sunlordinc.com
Sunlord
SPECIFICATIONS
SWPA5020S Series
Part Number
Inductance
@100kHz,1V
DC Resistance
(±30%)
Min.
Self-resonant
Frequency
Saturation
Current
Heat Rating
Current
Units
μH
Ω
MHz
A
A
Symbol
L
DCR
S.R.F
Isat
Irms
SWPA5020SR47NT
0.47±30%
0.013
160
6.15
4.60
SWPA5020SR68MT
0.68±20%
0.017
120
5.50
4.00
SWPA5020SR75NT
0.75±30%
0.017
117
5.50
4.00
SWPA5020S1R0NT
1.0±30%
0.020
114
4.10
3.80
SWPA5020S1R2NT
1.2±30%
0.022
83
4.50
3.55
SWPA5020S1R5NT
1.5±30%
0.026
68
4.10
3.20
SWPA5020S2R2NT
2.2±30%
0.032
57
3.20
2.90
SWPA5020S2R7NT
2.7±30%
0.038
52
2.90
2.70
SWPA5020S3R0NT
3.0±30%
0.038
49
2.55
2.70
SWPA5020S3R3NT
3.3±30%
0.043
46
2.55
2.50
SWPA5020S3R6NT
3.6±30%
0.043
43
2.80
2.50
SWPA5020S3R9NT
3.9±30%
0.043
40
2.30
2.50
SWPA5020S4R3MT
4.3±20%
0.057
37
2.50
2.20
SWPA5020S4R7MT
4.7±20%
0.057
37
2.50
2.20
SWPA5020S5R1MT
5.1±20%
0.064
32
2.25
2.05
SWPA5020S5R6MT
5.6±20%
0.064
32
2.30
2.05
SWPA5020S6R8MT
6.8±20%
0.083
30
2.05
1.80
SWPA5020S7R5MT
7.5±20%
0.090
26
1.85
1.75
SWPA5020S8R2MT
8.2±20%
0.098
26
1.85
1.65
SWPA5020S9R1MT
9.1±20%
0.110
24
1.70
1.55
SWPA5020S100MT
10±20%
0.110
24
1.70
1.55
SWPA5020S120MT
12±20%
0.140
22
1.50
1.40
SWPA5020S150MT
15±20%
0.165
20
1.35
1.25
SWPA5020S180MT
18±20%
0.200
16
1.25
1.15
SWPA5020S220MT
22±20%
0.226
14
1.15
1.10
SWPA5020S330MT
33±20%
0.390
10
0.92
0.90
SWPA5020S470MT
47±20%
0.523
7
0.77
0.77
SWPA5020S560MT
56±20%
0.630
6
0.77
0.70
SWPA5020S680MT
68±20%
0.740
6
0.65
0.64
SWPA5020S101MT
100±20%
1.100
6
0.53
0.53
SWPA5040S Series
Part Number
Inductance
@100kHz,1V
DC Resistance
(±30%)
Min.
Self-resonant
Frequency
Saturation
Current
Heat Rating
Current
Units
μH
Ω
MHz
A
A
Symbol
L
DCR
S.R.F
Isat
Irms
SWPA5040S1R0NT
1.0±30%
0.012
117
7.35
4.90
SWPA5040S1R2NT
1.2±30%
0.016
110
6.50
4.15
SWPA5040S1R5NT
1.5±30%
0.015
86
6.30
4.30
SWPA5040S2R2NT
2.2±30%
0.019
50
4.90
3.80
SWPA5040S2R7NT
2.7±30%
0.022
37
4.30
3.60
SWPA5040S3R0NT
3.0±30%
0.022
37
4.15
3.60
SWPA5040S3R3NT
3.3±30%
0.024
32
3.95
3.40
SWPA5040S3R9NT
3.9±30%
0.027
29
3.55
3.20
SWPA5040S4R7NT
4.7±30%
0.030
28
3.50
3.00
SWPA5040S5R6MT
5.6±20%
0.035
27
3.00
2.80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com