Electronic Components Datasheet Search
  English  ▼

X  

SWPA3010S Datasheet(PDF) 14 Page - Shenzhen Sunlord Electronics Co., Ltd

Part # SWPA3010S
Description  Wire Wound SMD Power Inductors - SWPA Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLORD [Shenzhen Sunlord Electronics Co., Ltd]
Direct Link  https://www.sunlordinc.com/
Logo SUNLORD - Shenzhen Sunlord Electronics Co., Ltd

SWPA3010S Datasheet(HTML) 14 Page - Shenzhen Sunlord Electronics Co., Ltd

Back Button SWPA3010S Datasheet HTML 10Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 11Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 12Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 13Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 14Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 15Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 16Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 17Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 18Page - Shenzhen Sunlord Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Specifications subject to change without notice. Please check our website for latest information.
Revised 2014/04/15
Sunlord Industrial Park, Dafuyuan Industrial Zone, Guanlan, Shenzhen, China 518110 Tel: 0086-755-29832660 Fax: 0086-755-82269029 E-Mail: sunlord@sunlordinc.com
Sunlord
SPECIFICATIONS
SWPA8040S Series
Part Number
Inductance
@100kHz,1V
DC Resistance
(±30%)
Min.
Self-resonant
Frequency
Saturation
Current
Heat Rating
Current
Units
μH
Ω
MHz
A
A
Symbol
L
DCR
S.R.F
Isat
Irms
SWPA8040SR82NT
0.82±30%
0.008
94
13.80
6.30
SWPA8040S1R0NT
1.0±30%
0.008
89
9.85
6.30
SWPA8040S1R2NT
1.2±30%
0.010
59
10.00
5.65
SWPA8040S1R5NT
1.5±30%
0.010
67
8.15
5.65
SWPA8040S2R0NT
2.0±30%
0.012
43
9.25
5.15
SWPA8040S2R2NT
2.2±30%
0.012
41
7.10
5.15
SWPA8040S3R0NT
3.0±30%
0.014
32
6.10
4.70
SWPA8040S3R3NT
3.3±30%
0.017
27
6.50
4.40
SWPA8040S3R6NT
3.6±30%
0.017
30
7.52
4.35
SWPA8040S3R9NT
3.9±30%
0.017
26
5.75
4.35
SWPA8040S4R7NT
4.7±30%
0.019
24
5.90
4.10
SWPA8040S5R1NT
5.1±30%
0.019
22
4.70
4.05
SWPA8040S5R6NT
5.6±30%
0.021
24
6.00
3.85
SWPA8040S6R2NT
6.2±30%
0.021
20
4.45
3.85
SWPA8040S6R8MT
6.8±20%
0.024
20
4.55
3.60
SWPA8040S8R2MT
8.2±20%
0.026
17
4.20
3.45
SWPA8040S100MT
10±20%
0.029
15
3.60
3.30
SWPA8040S120MT
12±20%
0.041
13
3.50
2.80
SWPA8040S150MT
15±20%
0.047
12
2.95
2.60
SWPA8040S180MT
18±20%
0.053
11
2.70
2.40
SWPA8040S220MT
22±20%
0.069
9.5
2.40
2.10
SWPA8040S270MT
27±20%
0.078
9.2
2.15
2.00
SWPA8040S330MT
33±20%
0.097
7.8
2.05
1.80
SWPA8040S360MT
36±20%
0.102
7.8
2.00
1.75
SWPA8040S390MT
39±20%
0.107
7.8
1.95
1.70
SWPA8040S430MT
43±20%
0.113
7.8
1.90
1.65
SWPA8040S470MT
47±20%
0.136
6.4
1.75
1.55
SWPA8040S510MT
51±20%
0.142
6.4
1.70
1.50
SWPA8040S560MT
56±20%
0.148
6.4
1.55
1.45
SWPA8040S620MT
62±20%
0.182
6.4
1.50
1.30
SWPA8040S680MT
68±20%
0.196
4.9
1.45
1.25
SWPA8040S750MT
75±20%
0.211
4.9
1.35
1.20
SWPA8040S820MT
82±20%
0.225
5.9
1.30
1.15
SWPA8040S910MT
91±20%
0.272
4.9
1.20
1.05
SWPA8040S101MT
100±20%
0.290
4.2
1.15
1.00
SWPA8040S121MT
120±20%
0.334
3.5
1.05
0.95
SWPA8040S151MT
150±20%
0.410
3.5
1.10
0.85
SWPA8040S221MT
220±20%
0.599
3.5
0.85
0.80
SWPA8040S331MT
330±20%
0.889
2.8
0.68
0.64
※
1: All test data is referenced to 20°C ambient;
※
2: Rated current: Isat or Irms, whichever is smaller;
※
*3: Isat: DC current at which the inductance drops approximate 30% from its value without current;
※
*4: Irms: DC current that causes the temperature rise (△T =40°C) from 20°C ambient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com