Electronic Components Datasheet Search
  English  ▼

X  

SWPA3010S Datasheet(PDF) 13 Page - Shenzhen Sunlord Electronics Co., Ltd

Part # SWPA3010S
Description  Wire Wound SMD Power Inductors - SWPA Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLORD [Shenzhen Sunlord Electronics Co., Ltd]
Direct Link  https://www.sunlordinc.com/
Logo SUNLORD - Shenzhen Sunlord Electronics Co., Ltd

SWPA3010S Datasheet(HTML) 13 Page - Shenzhen Sunlord Electronics Co., Ltd

Back Button SWPA3010S Datasheet HTML 9Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 10Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 11Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 12Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 13Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 14Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 15Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 16Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 17Page - Shenzhen Sunlord Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Specifications subject to change without notice. Please check our website for latest information.
Revised 2014/04/15
Sunlord Industrial Park, Dafuyuan Industrial Zone, Guanlan, Shenzhen, China 518110 Tel: 0086-755-29832660 Fax: 0086-755-82269029 E-Mail: sunlord@sunlordinc.com
Sunlord
SPECIFICATIONS
SWPA6045S Series
Part Number
Inductance
@100kHz,1V
DC Resistance
(±30%)
Min.
Self-resonant
Frequency
Saturation
Current
Heat Rating
Current
Units
μH
Ω
MHz
A
A
Symbol
L
DCR
S.R.F
Isat
Irms
SWPA6045S4R3MT
4.3±20%
0.023
23
4.45
3.50
SWPA6045S4R5MT
4.5±20%
0.026
24
4.97
3.30
SWPA6045S4R7MT
4.7±20%
0.026
24
4.97
3.30
SWPA6045S5R1MT
5.1±20%
0.026
23
4.40
3.30
SWPA6045S5R6MT
5.6±20%
0.029
23
4.15
3.15
SWPA6045S6R2MT
6.2±20%
0.031
26
4.43
3.00
SWPA6045S6R3MT
6.3±20%
0.031
26
4.43
3.00
SWPA6045S6R8MT
6.8±20%
0.031
20
3.90
3.00
SWPA6045S7R5MT
7.5±20%
0.034
18
3.50
2.90
SWPA6045S8R2MT
8.2±20%
0.043
21
3.90
2.60
SWPA6045S9R1MT
9.1±20%
0.043
17
3.35
2.60
SWPA6045S100MT
10±20%
0.048
15
3.20
2.45
SWPA6045S120MT
12±20%
0.058
13
2.80
2.20
SWPA6045S150MT
15±20%
0.068
12
2.50
2.05
SWPA6045S180MT
18±20%
0.081
10
2.20
1.85
SWPA6045S220MT
22±20%
0.089
10
2.05
1.80
SWPA6045S270MT
27±20%
0.102
9.2
1.90
1.65
SWPA6045S300MT
30±20%
0.132
7.8
1.70
1.50
SWPA6045S330MT
33±20%
0.137
7.8
1.65
1.45
SWPA6045S360MT
36±20%
0.173
7.8
1.62
1.40
SWPA6045S390MT
39±20%
0.180
7.8
1.50
1.25
SWPA6045S430MT
43±20%
0.200
7.7
1.63
1.20
SWPA6045S470MT
47±20%
0.200
6.4
1.40
1.20
SWPA6045S510MT
51±20%
0.207
6.4
1.35
1.15
SWPA6045S560MT
56±20%
0.221
6.4
1.30
1.10
SWPA6045S620MT
62±20%
0.235
6.4
1.25
1.10
SWPA6045S680MT
68±20%
0.289
6.4
1.20
1.00
SWPA6045S750MT
75±20%
0.305
5
1.15
0.95
SWPA6045S820MT
82±20%
0.341
4.9
1.05
0.90
SWPA6045S910MT
91±20%
0.359
4.9
1.00
0.85
SWPA6045S101MT
100±20%
0.433
4.2
0.95
0.80
SWPA6045S121MT
120±20%
0.484
4.2
0.85
0.77
SWPA6045S151MT
150±20%
0.580
4.2
0.80
0.70
SWPA6045S221MT
220±20%
0.834
3.5
0.70
0.59
SWPA6045S331MT
330±20%
1.270
2.8
0.57
0.57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com