Electronic Components Datasheet Search
  English  ▼

X  

SWPA3010S Datasheet(PDF) 12 Page - Shenzhen Sunlord Electronics Co., Ltd

Part # SWPA3010S
Description  Wire Wound SMD Power Inductors - SWPA Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLORD [Shenzhen Sunlord Electronics Co., Ltd]
Direct Link  https://www.sunlordinc.com/
Logo SUNLORD - Shenzhen Sunlord Electronics Co., Ltd

SWPA3010S Datasheet(HTML) 12 Page - Shenzhen Sunlord Electronics Co., Ltd

Back Button SWPA3010S Datasheet HTML 8Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 9Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 10Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 11Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 12Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 13Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 14Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 15Page - Shenzhen Sunlord Electronics Co., Ltd SWPA3010S Datasheet HTML 16Page - Shenzhen Sunlord Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Specifications subject to change without notice. Please check our website for latest information.
Revised 2014/04/15
Sunlord Industrial Park, Dafuyuan Industrial Zone, Guanlan, Shenzhen, China 518110 Tel: 0086-755-29832660 Fax: 0086-755-82269029 E-Mail: sunlord@sunlordinc.com
Sunlord
SPECIFICATIONS
SWPA6028S Series
Part Number
Inductance
@100kHz,1V
DC Resistance
(±30%)
Min.
Self-resonant
Frequency
Saturation
Current
Heat Rating
Current
Units
μH
Ω
MHz
A
A
Symbol
L
DCR
S.R.F
Isat
Irms
SWPA6028S1R0NT
1.0±30%
0.010
70
5.75
5.20
SWPA6028S1R2NT
1.2±30%
0.013
65
6.40
4.58
SWPA6028S1R5NT
1.5±30%
0.013
65
6.00
4.58
SWPA6028S2R2NT
2.2±30%
0.020
48
5.10
3.75
SWPA6028S2R7NT
2.7±30%
0.020
48
3.80
3.75
SWPA6028S3R3NT
3.3±30%
0.025
41
4.15
3.48
SWPA6028S4R7NT
4.7±30%
0.030
35
3.00
3.08
SWPA6028S5R1NT
5.1±30%
0.043
32
3.20
2.60
SWPA6028S6R2MT
6.2±20%
0.047
30
3.05
2.40
SWPA6028S6R8MT
6.8±20%
0.047
27
2.60
2.40
SWPA6028S8R2MT
8.2±20%
0.055
24
2.30
2.25
SWPA6028S9R1MT
9.1±20%
0.074
24
2.55
2.15
SWPA6028S100MT
10±20%
0.072
23
2.04
1.95
SWPA6028S120MT
12±20%
0.080
18
1.80
1.85
SWPA6028S150MT
15±20%
0.125
18
1.75
1.45
SWPA6028S180MT
18±20%
0.120
15
1.52
1.45
SWPA6028S220MT
22±20%
0.140
14
1.45
1.40
SWPA6028S270MT
27±20%
0.155
13
1.50
1.32
SWPA6028S330MT
33±20%
0.185
12
1.35
1.22
SWPA6028S360MT
36±20%
0.215
11
1.25
1.13
SWPA6028S390MT
39±20%
0.225
11
1.25
1.10
SWPA6028S470MT
47±20%
0.315
9.5
1.15
1.06
SWPA6028S560MT
56±20%
0.345
8.2
1.05
0.89
SWPA6028S680MT
68±20%
0.360
7.7
0.80
0.86
SWPA6028S750MT
75±20%
0.410
7.7
0.90
0.81
SWPA6028S820MT
82±20%
0.500
7.7
0.80
0.70
SWPA6028S101MT
100±20%
0.500
7.1
0.65
0.70
SWPA6045S Series
Part Number
Inductance
@100kHz,1V
DC Resistance
(±30%)
Min.
Self-resonant
Frequency
Saturation
Current
Heat Rating
Current
Units
μH
Ω
MHz
A
A
Symbol
L
DCR
S.R.F
Isat
Irms
SWPA6045SR47NT
0.47±30%
0.006
155
15.00
6.50
SWPA6045SR68NT
0.68±30%
0.006
99
11.00
5.70
SWPA6045SR82NT
0.82±30%
0.008
140
10.35
5.90
SWPA6045S1R0NT
1.0±30%
0.011
100
9.85
5.14
SWPA6045S1R2NT
1.2±30%
0.010
100
8.35
5.40
SWPA6045S1R5NT
1.5±30%
0.012
65
8.80
4.95
SWPA6045S1R8NT
1.8±30%
0.012
74
7.60
4.95
SWPA6045S2R2NT
2.2±30%
0.014
52
6.75
4.60
SWPA6045S2R3NT
2.3±30%
0.021
60
6.00
3.50
SWPA6045S2R7NT
2.7±30%
0.015
38
5.75
4.30
SWPA6045S3R0NT
3.0±30%
0.020
35
5.60
3.80
SWPA6045S3R3NT
3.3±30%
0.021
32
5.90
3.70
SWPA6045S3R6NT
3.6±30%
0.021
28
5.25
3.70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com