Electronic Components Datasheet Search
  English  ▼

X  

FN6406 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # FN6406
Description  Triple Differential Receiver/Equalizer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6406 Datasheet(HTML) 5 Page - Renesas Technology Corp

  FN6406 Datasheet HTML 1Page - Renesas Technology Corp FN6406 Datasheet HTML 2Page - Renesas Technology Corp FN6406 Datasheet HTML 3Page - Renesas Technology Corp FN6406 Datasheet HTML 4Page - Renesas Technology Corp FN6406 Datasheet HTML 5Page - Renesas Technology Corp FN6406 Datasheet HTML 6Page - Renesas Technology Corp FN6406 Datasheet HTML 7Page - Renesas Technology Corp FN6406 Datasheet HTML 8Page - Renesas Technology Corp FN6406 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
FN6406 Rev 1.00
Page 5 of 13
Sep 28, 2018
ISL59910, ISL59913
High Level output on V/HOUT
(ISL59910 only)
V(SYNC)HI
V(VSP)
- 0.1V
V(VSP)
Low Level output on V/HOUT
(ISL59910 only)
V(SYNC)LO
V(SYNCREF)
V(SYNCREF)
+ 0.1V
SUPPLY
Supply Current per Channel
ISON
VENBL = 5, VINM = 0
32
36
39
mA
Supply Current per Channel
ISOFF
VENBL = 0, VINM = 0
0.2
0.4
mA
Power Supply Rejection Ratio
PSRR
DC to 100kHz, ±5V supply
65
dB
LOGIC CONTROL PINS (ENABLE, X2)
Logic High Level
VHI
VIN - VLOGIC reference for ensured high
level
1.4
V
Logic Low Level
VLOW
VIN - VLOGIC reference for ensured low
level
0.8
V
Logic High Input Current
ILOGICH
VIN = 5V, VLOGIC = 0V
50
µA
Logic Low Input Current
ILOGICL
VIN = 0V, VLOGIC = 0V
15
µA
Electrical Specifications
VSA+ = VA+ = +5V, VSA- = VA- = -5V, TA = +25°C, exposed die plate = -5V, unless otherwise specified.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves
FIGURE 1. FREQUENCY RESPONSE OF ALL CHANNELS
FIGURE 2. GAIN vs FREQUENCY ALL CHANNELS
FIGURE 3. GAIN vs FREQUENCY FOR VARIOUS VCTRL
FIGURE 4. GAIN vs FREQUENCY FOR VARIOUS VCTRL AND
VGAIN
1M
10M
100M 200M
5
3
1
-1
-3
-5
X2 = LOW
VGAIN = 0V
VCTRL = 0V
RLOAD = 150Ω
FREQUENCY (Hz)
X2 = HIGH
VGAIN = 0.35V
VCTRL = 0V
RLOAD = 150Ω
X2 = LOW
VS = ±5V
RL = 150Ω
VGAIN = 0V
VCTRL = 0.1V STEPS
Source = -20dBm
VCTRL = 0V
VCTRL = 1V
X2 = LOW
VS = ±5V
RL = 150Ω
Source = -20dBm
VCTRL = 0V
VGAIN = 0V
VCTRL = 0.25V
VGAIN = 0.25V
VCTRL = 0V
VGAIN = 0.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com