Electronic Components Datasheet Search
  English  ▼

X  

FN6406 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # FN6406
Description  Triple Differential Receiver/Equalizer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6406 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button FN6406 Datasheet HTML 5Page - Renesas Technology Corp FN6406 Datasheet HTML 6Page - Renesas Technology Corp FN6406 Datasheet HTML 7Page - Renesas Technology Corp FN6406 Datasheet HTML 8Page - Renesas Technology Corp FN6406 Datasheet HTML 9Page - Renesas Technology Corp FN6406 Datasheet HTML 10Page - Renesas Technology Corp FN6406 Datasheet HTML 11Page - Renesas Technology Corp FN6406 Datasheet HTML 12Page - Renesas Technology Corp FN6406 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
FN6406 Rev 1.00
Page 12 of 13
Sep 28, 2018
ISL59910, ISL59913
Package Outline Drawing
L28.4x5
28 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 0, 9/06
PIN 1
INDEX AREA
0.00-0.05
MAX. 1.00
(2.65)
(0.40)
(28X 0.60)
0.20REF
0~0.05
5
0.10
PIN #1 INDEX AREA
CHAMFER 0.400 X 45°
2.65
0.40
0.25
SEE DETAIL ''X''
SEATING PLANE
0.08 C
0.10 C
0.10
C A B
0.50
0.50
4.00
3.20 REF
PACKAGE
(3.20)
0.5x5=2.50 REF
(28X 0.25)
(0.50)
TYPICAL RECOMMENDED LAND PATTERN
DETAIL "X"
TOP VIEW
BOTTOM VIEW
SIDE VIEW
NOTES:
1. Controlling dimensions are in mm.
Dimensions in ( ) for reference only.
2. Unless otherwise specified, tolerance : Decimal ±0.05
Angular ±2°
3. Dimensioning and tolerancing conform to AMSE Y14.5M-1994.
4. Bottom side Pin#1 ID is diepad chamfer as shown.
5. Tiebar shown (if present) is a non-functional feature.
B
M
A
C
C
BOUNDARY
2X
22
15
14
9
1
8
28
23
For the most recent package outline drawing, see L28.4x5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com