Electronic Components Datasheet Search
  English  ▼

X  

FN6406 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # FN6406
Description  Triple Differential Receiver/Equalizer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6406 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button FN6406 Datasheet HTML 3Page - Renesas Technology Corp FN6406 Datasheet HTML 4Page - Renesas Technology Corp FN6406 Datasheet HTML 5Page - Renesas Technology Corp FN6406 Datasheet HTML 6Page - Renesas Technology Corp FN6406 Datasheet HTML 7Page - Renesas Technology Corp FN6406 Datasheet HTML 8Page - Renesas Technology Corp FN6406 Datasheet HTML 9Page - Renesas Technology Corp FN6406 Datasheet HTML 10Page - Renesas Technology Corp FN6406 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
FN6406 Rev 1.00
Page 7 of 13
Sep 28, 2018
ISL59910, ISL59913
FIGURE 11. COMMON-MODE REJECTION
FIGURE 12. CM AMPLIFIER BANDWIDTH
FIGURE 13. (+)PSRR vs FREQUENCY
FIGURE 14. (-)PSRR vs FREQUENCY
FIGURE 15. BLUE CROSSTALK (CABLE LENGTH = 3ft.)
FIGURE 16. BLUE CROSSTALK (CABLE LENGTH = 600ft.)
Typical Performance Curves (Continued)
100k
1M
10M
100M
-10
-20
-40
-60
-80
-100
VGAIN = 0.35V
(ALL CHANNELS)
VCTRL = 0V
X2 = HIGH
FREQUENCY (Hz)
100k
1M
10M
100M
4
2
0
-2
-4
-6
VGAIN = 0.35V
(ALL CHANNELS)
VCTRL = 0V
RLOAD = 150Ω
X2 = HIGH
FREQUENCY (Hz)
10
1k
100k
100M
0
-20
-40
-60
-80
-100
VCC = 5V
VCTRL = 0V
VGAIN = 0V
(ALL CHANNELS)
INPUTS ON GND
FREQUENCY (Hz)
100
10k
1M
10M
10
1k
100k
100M
-20
-40
-60
-80
-100
-120
VEE = -5V
VCTRL = 0V
VGAIN = 0V
(ALL CHANNELS)
INPUTS ON GND
FREQUENCY (Hz)
100
10k
1M
10M
X2 = HGH
RLOAD = 150Ω
VGAIN = 0V
VCTRL = 0V
CABLE = 3 FT
X2 = LOW
VS = ±5V
RL = 150Ω
VCTRL = 1V
VGAIN = 1V
BLUE
RED
GREEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com