Electronic Components Datasheet Search
  English  ▼

X  

FN6406 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # FN6406
Description  Triple Differential Receiver/Equalizer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6406 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button FN6406 Datasheet HTML 4Page - Renesas Technology Corp FN6406 Datasheet HTML 5Page - Renesas Technology Corp FN6406 Datasheet HTML 6Page - Renesas Technology Corp FN6406 Datasheet HTML 7Page - Renesas Technology Corp FN6406 Datasheet HTML 8Page - Renesas Technology Corp FN6406 Datasheet HTML 9Page - Renesas Technology Corp FN6406 Datasheet HTML 10Page - Renesas Technology Corp FN6406 Datasheet HTML 11Page - Renesas Technology Corp FN6406 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
FN6406 Rev 1.00
Page 8 of 13
Sep 28, 2018
ISL59910, ISL59913
FIGURE 17. GREEN CROSSTALK (CABLE LENGTH = 3ft.)
FIGURE 18. GREEN CROSSTALK (CABLE LENGTH = 600ft.)
FIGURE 19. RED CROSSTALK (CABLE LENGTH = 3ft.)
FIGURE 20. RED CROSSTALK (CABLE LENGTH =600ft.)
FIGURE 21. RISE TIME AND FALL TIME
FIGURE 22. PULSE RESPONSE FOR VARIOUS CABLE
LENGTHS
Typical Performance Curves (Continued)
X2 = LOW
VS = ±5V
RL = 150Ω
VCTRL = 1V
VGAIN = 1V
BLUE
RED
GREEN
X2 = LOW
VS = ±5V
RL = 150Ω
VCTRL = 1V
VGAIN = 1V
BLUE
RED
GREEN
X2 = HIGH
VS = ±5V
RL = 150Ω
VGAIN = 0V
INPUT = 10MHz
VCTRL = 0V
CABLE = 3FT
VCTRL = 0.2V
CABLE = 600FT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com