Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 249 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 249 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 245Page - SMSC Corporation LAN9312 Datasheet HTML 246Page - SMSC Corporation LAN9312 Datasheet HTML 247Page - SMSC Corporation LAN9312 Datasheet HTML 248Page - SMSC Corporation LAN9312 Datasheet HTML 249Page - SMSC Corporation LAN9312 Datasheet HTML 250Page - SMSC Corporation LAN9312 Datasheet HTML 251Page - SMSC Corporation LAN9312 Datasheet HTML 252Page - SMSC Corporation LAN9312 Datasheet HTML 253Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
249
Revision 1.2 (04-08-08)
DATASHEET
Note 14.17
The reserved bits 31-16 are used to pad the register to 32-bits so that each register is on
a DWORD boundary. When accessed serially (through the MII management protocol), the
register is 16-bits wide.
Note 14.18
The Virtual PHY supports 100BASE-X (half and full duplex) and 10BASE-T (half and full
duplex) only. All other modes will always return as 0 (unable to perform).
Note 14.19
The Virtual PHY does not support Register 15 or 1000 Mb/s operation. Thus this bit is
always returned as 0.
Note 14.20
The Auto-Negotiation Complete bit is first cleared on a reset, but set shortly after (when
the Auto-Negotiation process is run). Refer to Section 7.3.1, "Virtual PHY Auto-
Negotiation," on page 96 for additional details.
Note 14.21
The Virtual PHY never has remote faults, its link is always up, and does not detect jabber.
Note 14.22
The VIrtual PHY supports basic and some extended register capability. The Virtual PHY
supports Registers 0-6 (per the IEEE 802.3 specification).
6
MF Preamble Suppression
This bit indicates whether the Virtual PHY accepts management frames with
the preamble suppressed.
0: Management frames with preamble suppressed not accepted
1: Management frames with preamble suppressed accepted
RO
0b
5
Auto-Negotiation Complete
This bit indicates the status of the Auto-Negotiation process.
0: Auto-Negotiation process not completed
1: Auto-Negotiation process completed
RO
1b
Note 14.20
4
Remote Fault
This bit indicates if a remote fault condition has been detected.
0: No remote fault condition detected
1: Remote fault condition detected
RO
0b
Note 14.21
3
Auto-Negotiation Ability
This bit indicates the status of the Virtual PHY’s auto-negotiation.
0: Virtual PHY is unable to perform auto-negotiation
1: Virtual PHY is able to perform auto-negotiation
RO
1b
2
Link Status
This bit indicates the status of the link.
0: Link is down
1: Link is up
RO
1b
Note 14.21
1
Jabber Detect
This bit indicates the status of the jabber condition.
0: No jabber condition detected
1: Jabber condition detected
RO
0b
Note 14.21
0
Extended Capability
This bit indicates whether extended register capability is supported.
0: Basic register set capabilities only
1: Extended register set capabilities
RO
1b
Note 14.22
BITS
DESCRIPTION
TYPE
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com