Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 250 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 250 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 246Page - SMSC Corporation LAN9312 Datasheet HTML 247Page - SMSC Corporation LAN9312 Datasheet HTML 248Page - SMSC Corporation LAN9312 Datasheet HTML 249Page - SMSC Corporation LAN9312 Datasheet HTML 250Page - SMSC Corporation LAN9312 Datasheet HTML 251Page - SMSC Corporation LAN9312 Datasheet HTML 252Page - SMSC Corporation LAN9312 Datasheet HTML 253Page - SMSC Corporation LAN9312 Datasheet HTML 254Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
250
SMSC LAN9312
DATASHEET
14.2.8.3
Virtual PHY Identification MSB Register (VPHY_ID_MSB)
This read/write register contains the MSB of the Virtual PHY Organizationally Unique Identifier (OUI).
The LSB of the Virtual PHY OUI is contained in the Virtual PHY Identification LSB Register
(VPHY_ID_LSB).
Note 14.23
The reserved bits 31-16 are used to pad the register to 32-bits so that each register is on
a DWORD boundary. When accessed serially (through the MII management protocol), the
register is 16-bits wide.
Note 14.24
IEEE allows a value of zero in each of the 32-bits of the PHY Identifier.
Offset:
Index (decimal):
1C8h
2
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:16
RESERVED
(See Note 14.23)
RO
-
15:0
PHY ID
This field contains the MSB of the Virtual PHY OUI (Note 14.24).
R/W
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com