Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 256 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 256 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 252Page - SMSC Corporation LAN9312 Datasheet HTML 253Page - SMSC Corporation LAN9312 Datasheet HTML 254Page - SMSC Corporation LAN9312 Datasheet HTML 255Page - SMSC Corporation LAN9312 Datasheet HTML 256Page - SMSC Corporation LAN9312 Datasheet HTML 257Page - SMSC Corporation LAN9312 Datasheet HTML 258Page - SMSC Corporation LAN9312 Datasheet HTML 259Page - SMSC Corporation LAN9312 Datasheet HTML 260Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
256
SMSC LAN9312
DATASHEET
14.2.8.7
Virtual PHY Auto-Negotiation Expansion Register (VPHY_AN_EXP)
This register is used in the Auto-Negotiation process.
Note 14.37
The reserved bits 31-16 are used to pad the register to 32-bits so that each register is on
a DWORD boundary. When accessed serially (through the MII management protocol), the
register is 16-bits wide.
Note 14.38
Since the Virtual PHY link partner is emulated, there is never a Parallel Detection Fault
and this bit is always 0.
Note 14.39
Next page ability is not supported by the Virtual PHY or emulated link partner.
Note 14.40
The page received bit is clear when read. It is first cleared on reset, but set shortly
thereafter when the Auto-Negotiation process is run.
Note 14.41
The emulated link partner will show Auto-Negotiation able unless Auto-Negotiation fails (no
common bits between the advertised ability and the link partner ability).
Offset:
Index (decimal):
1D8h
6
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:16
RESERVED
(See Note 14.37)
RO
-
15:5
RESERVED
RO
-
4
Parallel Detection Fault
This bit indicates whether a Parallel Detection Fault has been detected. This
bit is always 0.
0: A fault hasn’t been detected via the Parallel Detection function
1: A fault has been detected via the Parallel Detection function
RO
0b
Note 14.38
3
Link Partner Next Page Able
This bit indicates whether the link partner has next page ability. This bit is
always 0.
0: Link partner does not contain next page capability
1: Link partner contains next page capability
RO
0b
Note 14.39
2
Local Device Next Page Able
This bit indicates whether the local device has next page ability. This bit is
always 0.
0: Local device does not contain next page capability
1: Local device contains next page capability
RO
0b
Note 14.39
1
Page Received
This bit indicates the reception of a new page.
0: A new page has not been received
1: A new page has been received
RO/LH
1b
Note 14.40
0
Link Partner Auto-Negotiation Able
This bit indicates the Auto-negotiation ability of the link partner.
0: Link partner is not Auto-Negotiation able
1: Link partner is Auto-Negotiation able
RO
1b
Note 14.41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com