Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 255 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 255 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 251Page - SMSC Corporation LAN9312 Datasheet HTML 252Page - SMSC Corporation LAN9312 Datasheet HTML 253Page - SMSC Corporation LAN9312 Datasheet HTML 254Page - SMSC Corporation LAN9312 Datasheet HTML 255Page - SMSC Corporation LAN9312 Datasheet HTML 256Page - SMSC Corporation LAN9312 Datasheet HTML 257Page - SMSC Corporation LAN9312 Datasheet HTML 258Page - SMSC Corporation LAN9312 Datasheet HTML 259Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
255
Revision 1.2 (04-08-08)
DATASHEET
Note 14.33
The reserved bits 31-16 are used to pad the register to 32-bits so that each register is on
a DWORD boundary. When accessed serially (through the MII management protocol), the
register is 16-bits wide.
Note 14.34
The emulated link partner does not support next page, always instantly sends its link code
word, never sends a fault, and does not support 100BASE-T4.
Note 14.35
The emulated link partner’s asymmetric/symmetric pause ability is based upon the values
of the Asymmetric Pause and Pause bits of the Virtual PHY Auto-Negotiation
Advertisement Register (VPHY_AN_ADV). Thus the emulated link partner always
accommodates the request of the Virtual PHY, as shown in Table 14.5. See Section 7.3.1,
"Virtual PHY Auto-Negotiation," on page 96 for additional information.
Note 14.36
The emulated link partner always has the following capabilities: 100BASE-X full duplex,
100BASE-X half duplex, 10BASE-T full duplex, and 10BASE-T half duplex. For more
information on the Virtual PHY auto-negotiation, see Section 7.3.1, "Virtual PHY Auto-
Negotiation," on page 96.
7
100BASE-X Half Duplex
This bit indicates the emulated link partner PHY 100BASE-X half duplex
capability.
0: 100BASE-X half duplex ability not supported
1: 100BASE-X half duplex ability supported
RO
Note 14.36
6
10BASE-T Full Duplex
This bit indicates the emulated link partner PHY 10BASE-T full duplex
capability.
0: 10BASE-T full duplex ability not supported
1: 10BASE-T full duplex ability supported
RO
Note 14.36
5
10BASE-T Half Duplex
This bit indicates the emulated link partner PHY 10BASE-T half duplex
capability.
0: 10BASE-T half duplex ability not supported
1: 10BASE-T half duplex ability supported
RO
Note 14.36
4:0
Selector Field
This field identifies the type of message being sent by Auto-Negotiation.
00001: IEEE 802.3
RO
00001b
Table 14.5 Emulated Link Partner Pause Flow Control Ability Default Values
VPHY Symmetric
Pause
(register 4.10)
VPHY Asymmetric
Pause
(register 4.11)
Link Partner
Symmetric Pause
(register 5.10)
Link Partner
Asymmetric Pause
(register 5.11)
No Flow Control Enabled
0
0
0
0
Symmetric Pause
1
0
1
0
Asymmetric Pause Towards
Switch
01
1
1
Asymmetric Pause Towards MAC
1
1
0
1
BITS
DESCRIPTION
TYPE
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com