Electronic Components Datasheet Search
  English  ▼

X  

READ4606G Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # READ4606G
Description  High Drivability & High Slew Rate, Output Full Range High Voltage, Low Power Consumption CMOS Quad Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

READ4606G Datasheet(HTML) 4 Page - Renesas Technology Corp

  READ4606G Datasheet HTML 1Page - Renesas Technology Corp READ4606G Datasheet HTML 2Page - Renesas Technology Corp READ4606G Datasheet HTML 3Page - Renesas Technology Corp READ4606G Datasheet HTML 4Page - Renesas Technology Corp READ4606G Datasheet HTML 5Page - Renesas Technology Corp READ4606G Datasheet HTML 6Page - Renesas Technology Corp READ4606G Datasheet HTML 7Page - Renesas Technology Corp READ4606G Datasheet HTML 8Page - Renesas Technology Corp READ4606G Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
READ4606G
R03DS0182EJ0100 Rev.1.00
Page 4 of 11
Dec.09.24
Electrical Characteristics
< TA=25˚C, VDD=5.0V, VSS=GND>
Items
Symbol
MIN.
TYP.
MAX.
Unit
Test Condition
Input offset voltage
VIO
±3
±9
mV
Input offset current
IIO
(±1)
pA
Input bias current
IB
(±1)
pA
Output high voltage
VOH
VDD-0.3
V
IL = 10mA
Output low voltage
VOL
VSS+0.3
V
IL = 10mA
Voltage gain
AV
60
90
dB
RL≥100kΩ
Channel supply current
IDD/ch
0.7
1.0
mA
RL=∞,IO=0
Common mode
rejection ratio
CMRR
60
80
dB
Supply voltage
rejection ratio
SVRR
60
80
dB
Common mode input
voltage range
VICM
VSS
VDD-2
V
Gain bandwidth product
GBW
6
MHz
CL=20pF
Slew rate
SR
8
V/μs
CL=20pF
Channel Separation
80
dB
f = 20 Hz to 20 kHz
< TA=25˚C, VDD,SS=±15 V >
Items
Symbol
MIN.
TYP.
MAX.
Unit
Test Condition
Input offset voltage
VIO
±3
±12
mV
Input offset current
IIO
(±1)
pA
Input bias current
IB
(±1)
pA
Output high voltage
VOH
VDD-0.3
V
IL = 10mA
Output low voltage
VOL
VSS+0.3
V
IL = 10mA
Voltage gain
AV
60
90
dB
RL≥100kΩ
Channel supply current
IDD/ch
0.7
1.0
mA
RL=∞,IO=0
Common mode
rejection ratio
CMRR
55
80
dB
Supply voltage
rejection ratio
SVRR
60
80
dB
Common mode input
voltage range
VICM
VSS
VDD-2
V
Gain bandwidth product
GBW
6
MHz
CL=20pF
Slew rate
SR
8
V/μs
CL=20pF
Channel Separation
80
dB
f = 20 Hz to 20 kHz
( ) reference value of design
Notes
Output terminal: The over-current protection feature is not built in the output terminal of this product.
Therefore, if the output is short circuit (from output to VDD or from output to VSS) or
the forward clamp circuit using the diode at the output pin, the excessive output current
may flow. Please insert the series resistor in the output pin to limit the current.
Application circuit: Please keep VID within ±2V during stationary operation and design the closed-loop
operation composed feedback system: Voltage Follower, Inverting Amplifier and Non-
inverting Amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com