Electronic Components Datasheet Search
  English  ▼

X  

READ4606G Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # READ4606G
Description  High Drivability & High Slew Rate, Output Full Range High Voltage, Low Power Consumption CMOS Quad Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

READ4606G Datasheet(HTML) 5 Page - Renesas Technology Corp

  READ4606G Datasheet HTML 1Page - Renesas Technology Corp READ4606G Datasheet HTML 2Page - Renesas Technology Corp READ4606G Datasheet HTML 3Page - Renesas Technology Corp READ4606G Datasheet HTML 4Page - Renesas Technology Corp READ4606G Datasheet HTML 5Page - Renesas Technology Corp READ4606G Datasheet HTML 6Page - Renesas Technology Corp READ4606G Datasheet HTML 7Page - Renesas Technology Corp READ4606G Datasheet HTML 8Page - Renesas Technology Corp READ4606G Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
READ4606G
R03DS0182EJ0100 Rev.1.00
Page 5 of 11
Dec.09.24
Characteristics Curve (TA = 25
C) (Reference Value)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
1020
3040
VDD - Supply voltage - [V]
IDD /ch vs. VDD
TA = 25 °C
VIN =1/2 VDD
VDD = 5V
VDD = 30V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
0
50
100
150
TA - Operating Temp. Range - [°C]
IDD /ch vs. TA
-9
-6
-3
0
3
6
9
0
102030
40
VDD - Supply voltage - [V]
VIO vs. VDD
TA = 25 °C
VIN = 1/2 VDD
each 5 samples data
VDD = 5 V
VDD = 30 V
-9
-6
-3
0
3
6
9
-50
0
50
100
150
TA - Operating Temp. Range - [°C]
VIO vs. TA
-200
-150
-100
-50
0
50
100
150
200
0123456
VIN - Input Voltage - [V]
IB vs. VIN
TA = 25 °C
VDD = 5 V
-200
-150
-100
-50
0
50
100
150
200
0
1020
3040
VIN - Input Voltage - [V]
IB vs. VIN
TA = 25°C
VDD = 30 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com