Electronic Components Datasheet Search
  English  ▼

X  

READ4606G Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # READ4606G
Description  High Drivability & High Slew Rate, Output Full Range High Voltage, Low Power Consumption CMOS Quad Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

READ4606G Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button READ4606G Datasheet HTML 2Page - Renesas Technology Corp READ4606G Datasheet HTML 3Page - Renesas Technology Corp READ4606G Datasheet HTML 4Page - Renesas Technology Corp READ4606G Datasheet HTML 5Page - Renesas Technology Corp READ4606G Datasheet HTML 6Page - Renesas Technology Corp READ4606G Datasheet HTML 7Page - Renesas Technology Corp READ4606G Datasheet HTML 8Page - Renesas Technology Corp READ4606G Datasheet HTML 9Page - Renesas Technology Corp READ4606G Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
READ4606G
R03DS0182EJ0100 Rev.1.00
Page 6 of 11
Dec.09.24
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
0
50
100
150
TA - Operating Temp. Range - [C]
IB vs. TA
VDD = 5 V
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
0
50
100
150
TA - Operating Temp. Range - [C]
IB vs. TA
VDD = 30 V
VDD = 5 V
VDD = 30 V
0
1
2
3
4
5
6
7
8
9
10
-50
0
50
100
150
TA - Operating temp. range - C
SR vs. TA (Output rise time)
CL = 20 pF
VDD = 5 V
VDD = 30 V
0
1
2
3
4
5
6
7
8
9
10
-50
0
50
100
150
TA - Operating temp. range - C
SR vs. TA (Output fall time)
CL = 20 pF
-1
0
1
2
3
4
5
6
7
0
1
2
3
0
204060
80
t -Time -[μs]
Pulse Response
TA = 25 C
VDD = 5 V
VO = 2.4 V
CL =20pF
(Time 10 μs/div)
-5
-4
-3
-2
-1
01
23
45
67
89
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
0
5
10
15
20
25
0
20
406080
t -Time -[μs]
Pulse Response
TA = 25 C
VDD = 30 V
VO = 20 V
CL =20pF
(Time 10 μs/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com