Electronic Components Datasheet Search
  English  ▼

X  

READ4606G Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # READ4606G
Description  High Drivability & High Slew Rate, Output Full Range High Voltage, Low Power Consumption CMOS Quad Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

READ4606G Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button READ4606G Datasheet HTML 4Page - Renesas Technology Corp READ4606G Datasheet HTML 5Page - Renesas Technology Corp READ4606G Datasheet HTML 6Page - Renesas Technology Corp READ4606G Datasheet HTML 7Page - Renesas Technology Corp READ4606G Datasheet HTML 8Page - Renesas Technology Corp READ4606G Datasheet HTML 9Page - Renesas Technology Corp READ4606G Datasheet HTML 10Page - Renesas Technology Corp READ4606G Datasheet HTML 11Page - Renesas Technology Corp READ4606G Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
READ4606G
R03DS0182EJ0100 Rev.1.00
Page 9 of 11
Dec.09.24
VDD = 5 V
VDD = 30 V
0
20
40
60
80
100
120
10
100
1k
10k
100k
1M
10M
f - Frequency - Hz
CMRR vs. f
CL = 20 pF
TA = 25 °C
VSS = -5 V
VSS = -30 V
0
20
40
60
80
100
120
10
100
1k
10k
100k
1M
10M
f - Frequency - Hz
SVRR + vs. f
CL = 20 pF
TA = 25° C
VDD = 5 V
VDD = 30 V
0
20
40
60
80
100
120
10
100
1k
10k
100k
1M
10M
f - Frequency - Hz
SVRR - vs. f
CL = 20 pF
TA = 25° C
VDD = 5 V
VDD = 30 V
0
20
40
60
80
100
120
140
10
100
1k
10k
100k
1M
10M
f - Frequency - [Hz]
Channel Separation vs. f
CH1→CH2
CL = 20 pF
TA = 25 °C
VDD = 5 V
VDD = 30 V
0
20
40
60
80
100
120
140
10
100
1k
10k
100k
1M
10M
f - Frequency - [Hz]
Channel Separation vs. f
CH2→CH1
CL = 20 pF
TA = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com