Electronic Components Datasheet Search
  English  ▼

X  

READ4606G Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # READ4606G
Description  High Drivability & High Slew Rate, Output Full Range High Voltage, Low Power Consumption CMOS Quad Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

READ4606G Datasheet(HTML) 1 Page - Renesas Technology Corp

  READ4606G Datasheet HTML 1Page - Renesas Technology Corp READ4606G Datasheet HTML 2Page - Renesas Technology Corp READ4606G Datasheet HTML 3Page - Renesas Technology Corp READ4606G Datasheet HTML 4Page - Renesas Technology Corp READ4606G Datasheet HTML 5Page - Renesas Technology Corp READ4606G Datasheet HTML 6Page - Renesas Technology Corp READ4606G Datasheet HTML 7Page - Renesas Technology Corp READ4606G Datasheet HTML 8Page - Renesas Technology Corp READ4606G Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
R03DS0182EJ0100 Rev.1.00
Page 1 of 11
Dec.09.24
Datasheet
READ4606G
High Drivability & High Slew Rate, Output Full Range
High Voltage, Low Power Consumption
CMOS Quad Operational Amplifier
Description
The READ4606G is quad CMOS Operational Amplifier, which is the features the same performance as the
Bipolar products (UPC844) about the voltage resistance (power supply voltage: 36V Max.) and
high slew rate (8V/µs Typ.). This IC is the output full-range product with greatly reduced power consumption
and input bias current compared to bipolar products.
Features
 Output full range (Rail-to-Rail output)
 Absolute Maximum Ratings
 Power Supply Voltage
VDD = -0.3 to +36V
 Operating Ambient Temperature Range
TA= -40 to +125 ˚C
 Electrical Characteristics
 Power Supply Voltage
VDD = +4.5V to +32V
 Input Offset Voltage
VIO ≤ ±9mV
 Input Bias Current
IB ≤ (1pA)
 Supply current (per channel)
IDD = 0.7 mA Typ., 1.0 mA Max. (@VDD=5.0V)
 Slew Rate
SR = 8 V/μs Typ.
( ) reference value of design
Product Line-up
Package
TSSOP
Product Name
READ4606GSP#GC0
Quality Level
Normal Quality Level
Outline
Unit : mm


Similar Part No. - READ4606G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
READ4656J RENESAS-READ4656J Datasheet
369Kb / 13P
High Drivability & High Slew Rate, Output Full Range High Voltage, Low Power Consumption CMOS Quad Operational Amplifier
Rev.1.00 Dec.09.24
READ4656JSP#GC1 RENESAS-READ4656JSP#GC1 Datasheet
369Kb / 13P
High Drivability & High Slew Rate, Output Full Range High Voltage, Low Power Consumption CMOS Quad Operational Amplifier
Rev.1.00 Dec.09.24
READ4656JSP#HC1 RENESAS-READ4656JSP#HC1 Datasheet
369Kb / 13P
High Drivability & High Slew Rate, Output Full Range High Voltage, Low Power Consumption CMOS Quad Operational Amplifier
Rev.1.00 Dec.09.24
More results

Similar Description - READ4606G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE531 PHILIPS-NE531 Datasheet
159Kb / 8P
High slew rate operational amplifier
August 31, 1994
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
High Slew Rate Operational Amplifier
October 26, 2004
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510 INTERSIL-HA-2510_06 Datasheet
209Kb / 7P
High Slew Rate Operational Amplifier
January 3, 2006
logo
Rohm
BU7294F ROHM-BU7294F Datasheet
765Kb / 30P
Input/Output Full Swing High Slew Rate Low Voltage CMOS Operational Amplifiers
logo
Renesas Technology Corp
READ2304G RENESAS-READ2304G Datasheet
1Mb / 10P
High Drivability & High Slew Rate, Input Output Full Range,
2020.08.20
READ2354J RENESAS-READ2354J Datasheet
923Kb / 9P
High Drivability & High Slew Rate, Input Output Full Range,
2022.5.12
READ4304G RENESAS-READ4304G Datasheet
1Mb / 9P
High Drivability & High Slew Rate, Input Output Full Range
Sep.21.22
READ4354J RENESAS-READ4354J Datasheet
1Mb / 9P
High Drivability & High Slew Rate, Input Output Full Range
Sep.21.22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com