| Electronic Components Datasheet Search |
|
DIO2488CSC6 Datasheet(PDF) 11 Page - DIOO MICROCIRCUITS CO., LTD |
|
|
|||||||||||||||||||||||||||||
DIO2488CSC6 Datasheet(HTML) 11 Page - DIOO MICROCIRCUITS CO., LTD |
|
11 / 19 page ![]() DIO2488 Version 1.2, Dec 2025 www.dioo.com © 2025 Dioo Microcircuits Co., Ltd. Jiangsu 8 Where: RINT is the internal input resistor (R3 and R4). RS is the external series resistance. This factor changes with each gain version (see Table 1) because the adjustment factor equation takes the internal input resistance of the device into account. Table 2 provides a list of every device gain error factor. Table 1. Input resistance Part No. RINT (kΩ) DIO2488A 20 DIO2488B 10 DIO2488C 5 DIO2488D 50 Table 2. Device gain error factor Part No. Simplified Gain Error Factor DIO2488A 20000 + ) R (17 20000 S × DIO2488B 10000 + ) R × (9 10000 S DIO2488C 1000 + R 1000 S DIO2488D 50000 + ) R (41 50000 S × 9.1.2. Shutting down The DIO2488 series does not have a shutdown pin though, its low power consumption allows the output of a logic gate or transistor switch to power the DIO2488. The DIO2488 power-supply quiescent current is turned on/off by this gate or switch. But there is also a concern for how much current is drained from the shunt circuit in shutdown conditions in current shunt monitoring applications. In shutdown mode, the simplified schematic of the DIO2488 should be considered to evaluating this current drain. Figure 10. Basic circuit for shutting down DIO2488 with a grounded reference |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |