Electronic Components Datasheet Search
  English  ▼

X  

DIO2488CSC6 Datasheet(PDF) 14 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2488CSC6
Description  Current-Shunt Monitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2488CSC6 Datasheet(HTML) 14 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2488CSC6 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO2488CSC6 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO2488CSC6 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO2488CSC6 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO2488CSC6 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO2488CSC6 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO2488CSC6 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO2488CSC6 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO2488CSC6 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
DIO2488
Version 1.2, Dec 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
11
10.Application Information
Important notice: Validation and testing are the most reliable ways to confirm system functionality. The
application information is not part of the specification and is for reference purposes only.
When current flows through a current-sensing resistor, the DIO2488 detects the voltage that is developed across
it. The device can be configured to monitor current flowing unidirectionally or bidirectionally depending on how
the REF pin is configured (See Figure 14 and Figure 15).
Figure 14. Unidirectional application
Figure 15. Bidirectional application
10.1. Unidirectional application
10.1.1. Design procedure
Under zero input conditions, the linear range of the output stage is limited in how close the output voltage can
approach ground. In unidirectional applications where measuring very low input currents is desirable, bias the
REF pin to a convenient value above 50 mV to get the output into the linear range of the device. DIOO
recommends buffering the reference voltage connected to the REF pin to limit common-mode rejection errors.
A less frequently-used output biasing method is to connect the REF pin to the supply voltage, V+, which will lead
to the output voltage saturating at 200 mV below the supply voltage when there is no differential input signal.
This method is similar to the output saturated low condition with no input signal when the REF pin is connected
to ground. The output voltage in this configuration only responds to negative currents that develop negative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com