Electronic Components Datasheet Search
  English  ▼

X  

DIO2488CSC6 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2488CSC6
Description  Current-Shunt Monitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2488CSC6 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO2488CSC6 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO2488CSC6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO2488CSC6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2488CSC6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2488CSC6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2488CSC6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2488CSC6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2488CSC6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2488CSC6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DIO2488
Version 1.2, Dec 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
2
2. Absolute Maximum Ratings
Exceeding the maximum ratings listed under Absolute Maximum Ratings when designing is likely to damage the
device permanently. Do not design to the maximum limits because long-time exposure to them might impact the
device’s reliability. The ratings are obtained over an operating free-air temperature range unless otherwise
specified.
Symbol
Parameter
Rating
Unit
VS
Maximum supply voltage
30
V
VIN+, VIN-
Analogy input voltage
Differential (VIN+) – (VIN-)
-30 to 30
V
Common-mode (1)
GND - 0.3 to 30
V
REF input voltage
GND - 0.3 to (V+) + 0.3
V
Output (1)
GND - 0.3 to (V+) + 0.3
V
Input current into all pins (1)
5
mA
TSTG
Storage temperature
-65 to 150
°C
TJ
Maximum junction temperature
150
°C
Note:
(1) Input voltage at any terminal may exceed the voltage shown if the current at that pin is limited to 5 mA.
3. Recommended Operating Conditions
Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications.
The ratings are obtained over an operating free-air temperature range unless otherwise specified.
Symbol
Parameter
Rating
Unit
VS
Supply voltage
2.7 to 30
V
VCM
Common-mode input voltage
-0.1 to 30
V
TA
Operating free-air temperature
-40 to 125
°C
4. ESD Ratings
When a statically-charged person or object touches an electrostatic discharge sensitive device, the electrostatic
charge might be drained through sensitive circuitry in the device. If the electrostatic discharge possesses
sufficient energy, damage might occur to the device due to localized overheating.
Model
Condition
Value
Unit
HBM
ANSI/ESDA/JEDEC JS-001
±3
kV
CDM
ANSI/ESDA/JEDEC JS-002
±2
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com