Electronic Components Datasheet Search
  English  ▼

X  

DIO2488CSC6 Datasheet(PDF) 13 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2488CSC6
Description  Current-Shunt Monitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2488CSC6 Datasheet(HTML) 13 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2488CSC6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO2488CSC6 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO2488CSC6 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO2488CSC6 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO2488CSC6 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO2488CSC6 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO2488CSC6 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO2488CSC6 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO2488CSC6 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
DIO2488
Version 1.2, Dec 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
10
often approximately 10 Ω. Larger values can be used with an effect on gain (see Section 9.1.1). Because this
circuit limits only short-term transients, many applications are satisfied with a 10-Ω resistor along with
conventional Zener diodes of the lowest power rating that can be found. The amount of board space is the least
with such combination.
Figure 12. Transient protection using dual Zener diodes
In the event that low-power zeners do not have sufficient transient absorption capability and a higher power
transzorb must be used, the most package-efficient solution then involves using a single transzorb and
back-to-back diodes between the device inputs.
Figure 13. Transient protection using a single transzorb and input clamps
9.2. RS selection
The primary advantage of DIO2488’s low offset is to enable lower full-scale drops across the shunt. For example,
non-zero-drift current shunt monitors typically require a full-scale range of 100 mV. The DIO2488 series gives
equivalent accuracy at a full-scale range on the order of 10 mV. This accuracy reduces shunt dissipation by an
order of magnitude with many additional benefits.
Some applications might benefit from the low offset on the low end of the measurement as they need to monitor
current over a large dynamic range. Larger shunt decreases on the higher end of the scale are typically
accommodated by using the lower gain of 50 or 100 in these applications. For example, with only 150 μV of
offset, the DIO2488 with 3.3-V supply can easily handle a full-scale shunt drop of 60 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com