Electronic Components Datasheet Search
  English  ▼

X  

UPC4572 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPC4572
Description  Low Supply Voltage, Ultra Low-Noise, High Speed, Wide Band, Low IB Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4572 Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPC4572 Datasheet HTML 1Page - Renesas Technology Corp UPC4572 Datasheet HTML 2Page - Renesas Technology Corp UPC4572 Datasheet HTML 3Page - Renesas Technology Corp UPC4572 Datasheet HTML 4Page - Renesas Technology Corp UPC4572 Datasheet HTML 5Page - Renesas Technology Corp UPC4572 Datasheet HTML 6Page - Renesas Technology Corp UPC4572 Datasheet HTML 7Page - Renesas Technology Corp UPC4572 Datasheet HTML 8Page - Renesas Technology Corp UPC4572 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
UPC4572
R03DS0185EJ0100 Rev.1.00
Page 5 of 11
Mar.3.25
ELECTRICAL CHARACTERISTICS
UPC4572G2(5) (TA = 25 °C, V± = ±5 V)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Test Condition
Input Offset Voltage
VIO
±0.3
±1.5
mV
RS ≤ 50 Ω
Input Offset Current Note 6
IIO
±10
±50
nA
Input Bias Current Note 6
IB
100
200
nA
Large Signal Voltage Gain
AV
30000
100000
RL ≥ 2 kΩ, VO = ±2 V
Circuit Current Note 7
ICC
4.5
5.5
mA
IO = 0 A
Common Mode Rejection Ratio
CMR
75
90
dB
Supply Voltage Rejection Ratio
SVR
70
85
dB
Output Voltage Swing
Vom
±3.45
±3.7
V
RL ≥ 10 kΩ
Output Voltage Swing
Vom
±3.3
±3.5
V
RL ≥ 2 kΩ
Common Mode Input Voltage
Range
VICM
±3.8
-3.7
±4
V
Output Short Circuit Current
IO
±15
±20
mA
RL = 0 Ω
Slew Rate
SR
3.5
6
V/μs
RL ≥ 2 kΩ
Gain Bandwidth Product
GBW
10
16
MHz
fO = 100 kHz
Unity Gain Frequency
funity
9
MHz
open loop
Phase Margin
φ unity
60
Deg
open loop
Total Harmonic Distortion
THD
0.002
%
VO = 1 Vr.m.s.,
f = 20 Hz ~ 20 kHz (Figure 1 )
Equivalent Noise Input Voltage
Vn
0.8
μVr.m.s
RIAA (Figure 2 )
Equivalent Noise Input Voltage
Vn
0.5
0.65
μVr.m.s
FLAT + JIS A,
RS = 100 Ω (Figure 3 )
Equivalent Noise Input Voltage
Density
en
4.5
nV/ Hz
fO = 10 Hz
Equivalent Noise Input Voltage
Density
en
4.0
nV/ Hz
fO = 1 kHz
Equivalent Noise Input Current
Density
in
0.7
pA/ Hz
fO = 1 kHz
Channel Separation
120
dB
f = 20 Hz ~ 20 kHz
Average VIO Temperature Drift
ΔVIO/ΔT
±2
μV/°C
UPC4572G2(5) (TA = 25 °C, V+ = +5 V, V- = GND)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Test Condition
Input Offset Voltage
VIO
±0.3
±1.5
mV
RS ≤ 50 Ω
Input Offset Current Note 6
IIO
±10
±50
nA
Input Bias Current Note 6
IB
100
200
nA
Large Signal Voltage Gain
AV
40000
80000
RL ≥ 2 kΩ
Supply Current Note 7
ICC
4
5
mA
IO = 0 A
Common Mode Rejection Ratio
CMR
65
75
dB
Supply Voltage Rejection Ratio
SVR
60
70
dB
Output Voltage (High)
VOH
3.4
3.5
V
RL ≥ 2 kΩ (RL to 1/2 V+)
Output Voltage (Low)
VOL
1.3
1.45
V
RL ≥ 2 kΩ (RL to 1/2 V+)
Common Mode Input Voltage
Range
VICM
1.2
3.8
V
Slew Rate
SR
4
V/μs
Gain Band Width Product
GBW
12
MHz
【
Note】6. Input bias currents flow out from IC. Because each currents are base current of PNP-transistor on input stage.
7. This current flows irrespective of the existence of use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com